| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT47C20 bảng dữ liệu(PDF) 23 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT47C20 bảng dữ liệu(HTML) 23 Page - Holtek Semiconductor Inc |
|
23 / 56 page ![]() HT47C20 23 January 18, 2000 It is strongly recommended to load first the de- sired value for TMRBL, TMRBH, TMRAL, and TMRAH registers, before turning on the re- lated timer/event counter for proper operation. Because the initial value of TMRBL, TMRBH, TMRAL and TMRAH are unknown. If the timer/event counter is on, the TMRAH, TMRAL, TMRBH and TMRBL cannot be read or written to. Only when the timer/event coun- ter is off and when the instruction ²MOV² is used could those four registers be read or writ- ten to. Example for Timer/event counter mode (disable interrupt): clr tmrc clr adcr.1 ; set timer mode clr intc1.4 ; clear timer/event counter interrupt request flag mov a, low (65536-1000) ; give timer initial value mov tmrbl, a ; count 1000 time and then overflow mov a, high (65536-1000) mov tmrbh, a mov a, 00110000b ; timer clock source=T1 and timer on mov tmrc, a p10: clr wdt snz intcl.4 ; polling timer/event counter interrupt request flag jmp p10 clr intcl.4 ; clear timer/event counter interrupt request flag ; program contimue |