| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML22Q573 bảng dữ liệu(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q573 bảng dữ liệu(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 69 page ![]() FEDL22Q553-02 ML22Q553 6. FADR command command 0 0 1 1 C1 C0 F9 F8 1st byte F7 F6 F5 F4 F3 F2 F1 F0 2nd byte The FADR command is used to specify a phrase to be played. A playback channel and a playback phrase are set by this command. The FADR command can be set for each channel; however, the command cannot be input for multiple channels simultaneously. Input the FADR command with each NCR set to a ”H” level. When a playback phrase is specified for each channel, use the START command to start playback. Since it is possible to specify a playback phrase (F9–F0) at the time of creating a ROM that stores voice data, specify the phrase that was specified when the ROM was created. Channel settings C1 C0 Channel 0 0 Channel 0 0 1 Channel 1 1 0 Channel 2 1 1 Channel 3 The diagram below shows the timing for specifying (F9–F0) = 02H as the phrase to play on channel 1. CSB Status Command is being processed SCK SI NCR BUSYB Awaiting command Awaiting command Awaiting command FADR command 1st byte FADR command 2nd byte CBUSYB (internal) (internal) Command is being processed 36/69 |