| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML22Q573 bảng dữ liệu(PDF) 34 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q573 bảng dữ liệu(HTML) 34 Page - List of Unclassifed Manufacturers |
|
34 / 69 page ![]() FEDL22Q553-02 ML22Q553 4. FAD command command 0 0 0 0 1 1 0 0 1st byte 0 0 0 0 FAD3 FAD2 FAD1 FAD0 2nd byte The FAD command is used to set the fade-in time for the speaker amplifier. The fade-in time cna be adjusted through 16 levels, as shown in the table below. The initial value after reset is 298 μs. When the PUP command is input, the value set by the FAD command is initialized (298 μs). FAD3–0 Fade-in time ( μs) F 442 E 422 D 401 C 381 B 360 A 340 9 319 8 298 (initial value) 7 278 6 257 5 237 4 216 3 195 2 175 1 154 0 134 34/69 |