| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8580AGEFTV bảng dữ liệu(PDF) 27 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580AGEFTV bảng dữ liệu(HTML) 27 Page - Wolfson Microelectronics plc |
|
27 / 106 page ![]() Production Data WM8580A w PD, Rev 4.9, November 2013 27 The MSB of the left channel of the output data changes on the first falling edge of BCLK following a low to high LRCLK transition and may be sampled on the rising edge of BCLK. The right channel data is contiguous with the left channel data. Figure 19 DSP Mode A Timing Diagram – PAIF/SAIF Transmitter Data DSP MODE B In DSP Mode B, the MSB of Channel 1 left data is sampled on the first BCLK rising edge following a LRCLK rising edge. Channel 1 right data then follows. For the PAIF Receiver, Channels 2 and 3 follow as shown in Figure 20. Figure 20 DSP Mode B Timing Diagram – PAIF Receiver Input Data For the SAIF Receiver, only stereo information is processed. Figure 21 DSP Mode B Timing Diagram – SAIF Receiver Input Data |