| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8580AGEFTV bảng dữ liệu(PDF) 51 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580AGEFTV bảng dữ liệu(HTML) 51 Page - Wolfson Microelectronics plc |
|
51 / 106 page ![]() Production Data WM8580A w PD, Rev 4.9, November 2013 51 MANUAL CLOCK SELECTION It is possible to override all default clocking configuration restrictions by setting CLKSEL_MAN. When CLKSEL_MAN is set, default clocking configurations such as automatic selection of PLLACLK for DAC1 when DACSRC=00 (S/PDIF received data) are not applied. Instead, clock selection is determined only by the relevant CLK_SEL register. Figure 32 to Figure 37 illustrate this over-ride capability. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R8 CLKSEL 08h 6 CLKSEL_MAN 0 Clock selection auto-configuration override 0 = auto-configuration enabled 1 = auto-configuration disabled, clock configuration follows relevant CLKSEL bits in R8 to R11. Table 44 Manual Clock Selection Figure 32 Manual Clock Over-ride of DAC Clock Figure 33 Manual Clock Over-ride of ADC Clock Figure 34 Manual Clock Over-ride of S/PDIF Tx Clock |