| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8580AGEFTV bảng dữ liệu(PDF) 76 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580AGEFTV bảng dữ liệu(HTML) 76 Page - Wolfson Microelectronics plc |
|
76 / 106 page ![]() WM8580A Production Data w PD, Rev 4.9, November 2013 76 Figure 41 Typical Power up Sequence where DVDD is Powered before AVDD Figure 42 Typical Power up Sequence where AVDD is Powered before DVDD SYMBOL MIN TYP MAX UNIT Vpora 0.5 0.7 1.0 V Vporr 0.5 0.7 1.1 V Vpora_off 1.0 1.4 2.0 V Vpord_off 0.6 0.8 1.0 V Table 74 Typical POR Operation In a real application, the designer is unlikely to have control of the relative power up sequence of AVDD and DVDD. Using the POR circuit to monitor VMID ensures a reasonable delay between applying power to the device and Device Ready. |