công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90641APF bảng dữ liệu(PDF) 3 Page - fujitsu semiconductor

tên linh kiện MB90641APF
Giải thích chi tiết về linh kiện  16-bit Proprietary Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90641APF bảng dữ liệu(HTML) 3 Page - fujitsu semiconductor

  MB90641APF Datasheet HTML 1Page - fujitsu semiconductor MB90641APF Datasheet HTML 2Page - fujitsu semiconductor MB90641APF Datasheet HTML 3Page - fujitsu semiconductor MB90641APF Datasheet HTML 4Page - fujitsu semiconductor MB90641APF Datasheet HTML 5Page - fujitsu semiconductor MB90641APF Datasheet HTML 6Page - fujitsu semiconductor MB90641APF Datasheet HTML 7Page - fujitsu semiconductor MB90641APF Datasheet HTML 8Page - fujitsu semiconductor MB90641APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
3
MB90640A Series
s PRODUCT LINEUP
MB90641A
MB90P641A
Classification
Mask ROM
One-time PROM
ROM size
64 Kbytes
64 Kbytes
RAM size
2 Kbytes
2 Kbytes
CPU functions
The number of instructions: 340
Instruction bit length:
8/16 bits
Instruction length:
1 to 7 bytes
Data bit length:
1/4/8/16/32 bits
Minimum execution time:
58.8 ns at 4.25 MHz (PLL multiplier = 4)
Interrupt processing time:
941 ns at 17 MHz (minimum)
Ports
8/16-bit data bus, multiplexed mode: 56 ports (max)
8-bit non-multiplexed mode:
48 ports (max)
Single-chip mode:
75 ports (max)
Packages
FPT-100P-M05
FPT-100P-M06
UART0, 1 (SCI)
Two internal UARTs
Full-duplex, double-buffered
Selectable clock synchronous or asynchronous operation
Built-in dedicated baud rate generator
8/16-bit PPG
2
× 8-bit PPG outputs
(1 channel PPG output in 16-bit mode)
16-bit reload timer
16-bit reload timer operation (selectable toggle output, one-shot output)
(Selectable count clock: 0.125
µs, 0.5 µs, or 2.0 µs for a 16 MHz machine cycle)
Selectable event count function, 5 internal channels
Chip select function
8 outputs
DTP/external interrupts
8 inputs
External interrupt mode
(Interrupts can be generated from four different types of request signal)
PLL function
Selectable multiplier: 1/2/3/4
(Set a multiplier that does not exceed the assured operation frequency range.)
External bus terminal
control circuit
Multiplex and non-multiplex between the adress pin and the data pin is selectable.
Part number
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com