| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB86604LPFV bảng dữ liệu(PDF) 31 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB86604LPFV bảng dữ liệu(HTML) 31 Page - fujitsu semiconductor |
|
31 / 56 page ![]() 31 MB86604L • 68 series burst mode (a) Write timing * : The position number indicates the position in the waveform. Parameter Symbol Value Unit Base signal Position* Min. Max. DACK “L” assert time DREQ “H” tRQAK A0 — ns DREQ “L” negate time DMUDS/DMLDS “L” tDSRQ B — 55 ns DREQ “L” → DREQ “H” return time — tRQLH C0— ns DMUDS/DMLDS “L” assert time DACK “L” tAKDS D0— ns DMR/W set up time DMUDS/DMLDS “L” tsuRW E20 — ns DMR/W hold time DMUDS/DMLDS “H” thRW F20 — ns DMUDS/DMLDS “L” level pulse width — twDSL G40 — ns DACK “H” negate time DMUDS/DMLDS “H” tDSAK H0— ns Input data set up time DMUDS/DMLDS “H” tsuDMD I30 — ns Input data hold time DMUDS/DMLDS “H” thDMD J5 — ns E F Data DREQ DMD15 to DMD0 UDMDP, LDMDP G H D B A C DACK DMR/W DMUDS/DMLDS J I t RQAK t AKDS t DSRQ t RQLH t DSAK t hRW t hDMD t suDMD t suRW t wDSL |