| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB86604LPFV bảng dữ liệu(PDF) 40 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB86604LPFV bảng dữ liệu(HTML) 40 Page - fujitsu semiconductor |
|
40 / 56 page ![]() 40 MB86604L (b) Input timing (initiator → target) * : The position number indicates the position in the waveform. (c) Output timing (target → initiator) *1: The position number indicates the position in the waveform. *2: “A” and “N” values are based on the transfer period register (address 0Dh). See (8) for more setting values. Parameter Symbol Value Unit Base signal Position* Min. Max. Input data set up time ACK “L” tsuDB A5 — ns Input data hold time ACK “L” thDB B15 — ns Parameter Symbol Value Unit Base signal Position*1 Min. Max. Time from output data valid to REQ “L” assert *2 —tDBRQ A N • tCLK + 2 —ns Output data hold time *2 REQ “L” thDB B A • tCLK – 12 —ns ACK DB7 to DB0 DBP t hDB B t hDB Data Data A t suDB B A t suDB REQ DB7 to DB0 DBP B Valid data Valid data ! *+ ABA ! *+ !"$ *+ t DBRQ t hDB t hDB t DBRQ |