| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A3P030 bảng dữ liệu(PDF) 89 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
A3P030 bảng dữ liệu(HTML) 89 Page - Microsemi Corporation |
|
89 / 210 page ![]() ProASIC3 Flash Family FPGAs Re vi s i on 15 2 - 84 Global Resource Characteristics A3P250 Clock Tree Topology Clock delays are device-specific. Figure 2-27 is an example of a global tree used for clock routing. The global tree presented in Figure 2-27 is driven by a CCC located on the west side of the A3P250 device. It is used to drive all D-flip-flops in the device. Global Tree Timing Characteristics Global clock delays include the central rib delay, the spine delay, and the row delay. Delays do not include I/O input buffer clock delays, as these are I/O standard–dependent, and the clock may be driven and conditioned internally by the CCC module. For more details on clock conditioning capabilities, refer to the "Clock Conditioning Circuits" section on page 2-89. Table 2-108 to Table 2-114 on page 2-88 present minimum and maximum global clock delays within each device. Minimum and maximum delays are measured with minimum and maximum loading. Figure 2-27 • Example of Global Tree Use in an A3P250 Device for Clock Routing Central Global Rib VersaTile Rows Global Spine CCC |