| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB041D bảng dữ liệu(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT45DB041D bảng dữ liệu(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 53 page ![]() 39 3595T–DFLASH–8/2013 AT45DB041D 22. Write Operations The following block diagram and waveforms illustrate the various write sequences available. 22.1 Buffer Write 22.2 Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page) FLASH MEMORY ARRAY PAGE (256-/264-BYTES) BUFFER 1 (256-/264-BYTES) I/O INTERFACE SI BUFFER 1 TO MAIN MEMORY PAGE PROGRAM BUFFER 1 WRITE BUFFER 2 (256-/264-BYTES) BUFFER 2 TO MAIN MEMORY PAGE PROGRAM BUFFER 2 WRITE SI (INPUT) CMD Completes writing into selected buffer CS X X···X, BFA8 BFA7-0 n n+1 Last Byte BINARY PAGE SIZE 16 DON'T CARE + BFA7-BFA0 SI (INPUT) CMD PA10-7 PA6-0, X CS Starts self-timed erase/program operation XXXX XX Each transition represents 8 bits n = 1st byte read n+1 = 2nd byte read BINARY PAGE SIZE A18-A8 + 8 DON'T CARE BITS |