công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB041D bảng dữ liệu(PDF) 29 Page - List of Unclassifed Manufacturers

tên linh kiện AT45DB041D
Giải thích chi tiết về linh kiện  4-megabit 2.5-volt or 2.7-volt DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB041D bảng dữ liệu(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AT45DB041D Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB041D Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29
3595T–DFLASH–8/2013
AT45DB041D
Notes: x = Don’t Care
Table 15-6.
Detailed Bit-level Addressing Sequence for Binary Page Size (256-Bytes)
Page Size = 256-bytes
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes
Opcode
Opcode
03h
0 0
0
0 0
0 1
1
x
x
x
x
x A A
A
A AAAAAA
A
AAAAAAA
A
N/A
0Bh
0 0
0
0 1
0 1
1
x
x
x
x
x A A
A
A AAAAAA
A
AAAAAAA
A
1
50h
0 1
0
1 0
0 0
0
xxxxx A A
A
A A A A A xx
x
x
xxxxxx
x
N/A
53h
0 1
0
1 0
0 1
1
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
55h
0 1
0
1 0
1 0
1
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
58h
0 1
0
1 1
0 0
0
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
59h
0 1
0
1 1
0 0
1
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
60h
0 1
1
0 0
0 0
0
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
61h
0 1
1
0 0
0 0
1
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
77h
0 1
1
1 0
1 1
1
xxxxxxx
x
x
xxxxxx
x
x
xxxxxx
x
N/A
7Ch
0 1
1
1 1
1 0
0
xxxxx A A
A
xxxxxxx
x
x
xxxxxx
x
N/A
81h
1 0
0
0 0
0 0
1
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
82h
1 0
0
0 0
0 1
0
x
x
x
x
x A A
A
A AAAAAA
A
AAAAAAA
A
N/A
83h
1 0
0
0 0
0 1
1
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
84h
1 0
0
0 0
1 0
0
xxxxxxx
x
x
xxxxxx
x
A A A A A A A
A
N/A
85h
1 0
0
0 0
1 0
1
x
x
x
x
x A A
A
A AAAAAA
A
AAAAAAA
A
N/A
86h
1 0
0
0 0
1 1
0
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
87h
1 0
0
0 0
1 1
1
xxxxxxx
x
x
xxxxxx
x
A A A A A A A
A
N/A
88h
1 0
0
0 1
0 0
0
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
89h
1 0
0
0 1
0 0
1
xxxxx A A
A
A A A A A A A
A
x
xxxxxx
x
N/A
9Fh
1 0
0
1 1
1 1
1
N/A
N/A
N/A
N/A
B9h
1 0
1
1 1
0 0
1
N/A
N/A
N/A
N/A
ABh
1 0
1
0 1
0 1
1
N/A
N/A
N/A
N/A
D1h
1 1
0
1 0
0 0
1
xxxxxxx
x
x
xxxxxx
x
A A A A A A A
A
N/A
D2h
1 1
0
1 0
0 1
0
x
x
x
x
x A A
A
A AAAAAA
A
AAAAAAA
A
4
D3h
1 1
0
1 0
0 1
1
xxxxxxx
x
x
xxxxxx
x
A A A A A A A
A
N/A
D4h
1 1
0
1 0
1 0
0
xxxxxxx
x
x
xxxxxx
x
A A A A A A A
A
1
D6h
1 1
0
1 0
1 1
0
xxxxxxx
x
x
xxxxxx
x
A A A A A A A
A
1
D7h
1 1
0
1 0
1 1
1
N/A
N/A
N/A
N/A
E8h
1 1
1
0 1
0 0
0
x
x
x
x
x A A
A
A AAAAAA
A
AAAAAAA
A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com