| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF7021 bảng dữ liệu(PDF) 53 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF7021 bảng dữ liệu(HTML) 53 Page - Analog Devices |
|
53 / 64 page ![]() Data Sheet ADF7021 Rev. B | Page 53 of 64 REGISTER 6—IF FINE CAL SETUP REGISTER IF_CAL_LOWER_TONE_DIVIDE IF_CAL_UPPER_TONE_DIVIDE IF_CAL_DWELL_TIME ADDRESS BITS FC1 0 1 IF FINE CAL DISABLED ENABLED UT3 0 0 0 . . 1 UT1 1 0 1 . . 1 IF CAL UPPER TONE DIVIDE 1 2 3 . . UT2 0 1 1 . . 1 UT8 0 0 0 . . 0 ... ... ... ... ... ... ... 127 LT3 0 0 0 . . 1 LT1 1 0 1 . . 1 1 2 3 . . LT2 0 1 1 . . 1 LT8 0 0 0 . . 1 ... ... ... ... ... ... ... 255 IF CAL LOWER TONE DIVIDE CD3 0 0 0 . . 1 CD1 1 0 1 . . 1 IF CAL DWELL TIME 1 2 3 . . CD2 0 1 1 . . 1 CD7 0 0 0 . . 1 ... ... ... ... ... ... ... 127 IRC1 0 1 0 1 IR CAL SOURCE DRIVE LEVEL IRC2 0 0 1 1 OFF LOW MED HIGH IRD1 0 1 IR CAL SOURCE ÷2 SOURCE ÷2 OFF SOURCE ÷2 ON 0 0 0 . . 1 LT7 0 0 0 . . 1 UT7 Figure 68. Register 6—IF Fine Cal Setup Register Map A fine IF filter calibration is set by enabling the IF_FINE_CAL Bit (R6_DB4). A fine calibration is then carried out only when Register 5 is written to and R5_DB4 is set. Set the IF upper and lower tones used during fine filter calibration as follows: kHz 8 . 65 2 _ _ _ _ = × DIVIDE TONE LOWER CAL IF XTAL kHz 5 . 131 2 _ _ _ _ = × DIVIDE TONE UPPER CAL IF XTAL The IF tone calibration time is the amount of time that is spent at an IF calibration tone. It is dependent on the sequencer clock. For best practice, is recommended to have the IF tone calibration time be at least 500 µs. CLK SEQ TIME DWELL CAL IF Time n Calibratio Tone IF _ _ _ = The total time for a fine IF filter calibration is IF Tone Calibration Time × 10. DB[28:30] control the internal source for the image rejection (IR) calibration. The IR_CAL_SOURCE_DRIVE_LEVEL bits (DB[28:29]) set the drive strength of the source, whereas the IR_CAL_SOURCE_÷2 bit (DB30) allows the frequency of the internal signal source to be divided by 2. |