công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM73P968 bảng dữ liệu(PDF) 15 Page - ELAN Microelectronics Corp

tên linh kiện EM73P968
Giải thích chi tiết về linh kiện  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P968 bảng dữ liệu(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM73P968 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P968 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
15
* This specification are subject to be changed without notice.
EM73P968
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.14.2001
Preliminary
PROGRAM EXAMPLE:
Check following arithematic operation for CF, ZF, SF
CF
ZF
SF
LDIA #00h;
-
1
1
LDIA #03h;
-
0
1
ADDA #05h;
-
0
1
ADDA #0Dh;
-
0
0
ADDA #0Eh;
-
0
0
ALU
The arithematic operation of 4-bit data is performed in ALU unit. There are 2 flags that can be affected by
the result of ALU operation, ZF and SF. The operation of ALU is affected by CF only.
ALU STRUCTURE
ALU supported user arithematic operation functions, including Addition, Subtraction and Rotaion.
ALU FUNCTION
(1) Addition:
ALU supports addition function with instructions ADDAM, ADCAM, ADDM #k, ADD #k,y .... .
The addition operation affects CF and ZF. Under addition operation, if the result is "0", ZF will be "1",
otherwise, ZF will be "0". When the addition operation has a carry-out, CF will be "1", otherwise, CF will
be "0".
EXAMPLE:
Operation
Carry Zero
3+4=7
0
0
7+F=6
1
0
0+0=0
0
1
8+8=0
1
1
(2) Subtraction:
ALU supports subtraction function with instructions SUBM #k, SUBA #k, SBCAM, DECM... . The
subtraction operation affects CF and ZF. Under subtraction operation, if the result is negative, CF will
be "0", and a borrow out, otherwise, if the result is positive, CF will be "1". For ZF, if the result of subtraction
operation is "0", the ZF is "1", likewise, ZF is "1".
ZF CF SF
ALU
DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com