| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM73P968 bảng dữ liệu(PDF) 49 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73P968 bảng dữ liệu(HTML) 49 Page - ELAN Microelectronics Corp |
|
49 / 53 page ![]() 49 * This specification are subject to be changed without notice. EM73P968 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 8.14.2001 Preliminary INSTRUCTION TABLE (1) Data Transfer Mnemonic Object code ( binary ) Operation description Byte Cycle Flag CZ S LDA x 0110 1010 xxxx xxxx Acc←RAM[x] 2 2 - Z 1 LDAM 0101 1010 Acc ←RAM[HL] 1 1 - Z 1 LDAX 0110 0101 Acc←ROM[DP] L 12 - Z 1 LDAXI 0110 0111 Acc←ROM[DP] H,DP+1 1 2 - Z 1 LDH #k 1001 kkkk HR←k1 1 - - 1 LDHL x 0100 1110 xxxx xx00 LR←RAM[x],HR←RAM[x+1] 2 2 - - 1 LDIA #k 1101 kkkk Acc←k1 1 - Z 1 LDL #k 1000 kkkk LR←k1 1 - - 1 STA x 0110 1001 xxxx xxxx RAM[x]←Acc 2 2 - - 1 STAM 0101 1001 RAM[HL]←Acc 1 1 - - 1 STAMD 0111 1101 RAM[HL]←Acc, LR-1 1 1 - Z C STAMI 0111 1111 RAM[HL]←Acc, LR+1 1 1 - Z C' STD #k,y 0100 1000 kkkk yyyy RAM[y]←k2 2 - - 1 STDMI #k 1010 kkkk RAM[HL]←k, LR+1 1 1 - Z C' THA 0111 0110 Acc←HR 1 1 - Z 1 TLA 0111 0100 Acc←LR 1 1 - Z 1 (2) Rotate Mnemonic Object code ( binary ) Operation description Byte Cycle Flag CZ S RLCA 0101 0000 ←CF←Acc← 11 C Z C' RRCA 0101 0001 →CF→Acc→ 11 C Z C' (3) Arithmetic operation Mnemonic Object code ( binary ) Operation description Byte Cycle Flag C Z S ADCAM 0111 0000 Acc←Acc + RAM[HL] + CF 1 1 C Z C' ADD #k,y 0100 1001 kkkk yyyy RAM[y]←RAM[y] + k 2 2 - Z C' ADDA #k 0110 1110 0101 kkkk Acc←Acc+k 2 2 - Z C' ADDAM 0111 0001 Acc←Acc + RAM[HL] 1 1 - Z C' ADDH #k 0110 1110 1001 kkkk HR←HR+k 2 2 - Z C' ADDL #k 0110 1110 0001 kkkk LR←LR+k 2 2 - Z C' ADDM #k 0110 1110 1101 kkkk RAM[HL]←RAM[HL] +k 2 2 - Z C' DECA 0101 1100 Acc←Acc-1 1 1 - Z C DECL 0111 1100 LR←LR-1 1 1 - Z C DECM 0101 1101 RAM[HL]←RAM[HL] -1 1 1 - Z C INCA 0101 1110 Acc←Acc + 1 1 1 - Z C' |