công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRH3012T-R0NN bảng dữ liệu(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện NRH3012T-R0NN
Giải thích chi tiết về linh kiện  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN bảng dữ liệu(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  NRH3012T-R0NN Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
41
/
■PARTS NUMBER
●NRH3012 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRH3012T R47NN
RoHS
0.47
±30%
160
0.033
2,600
1,900
100
NRH3012T 1R0NN
RoHS
1.0
±30%
111
0.048
2,200
1,710
100
NRH3012T 1R5NN
RoHS
1.5
±30%
95
0.055
1,700
1,600
100
NRH3012T 2R2MN
RoHS
2.2
±20%
78
0.075
1,500
1,370
100
NRH3012T 3R3MN
RoHS
3.3
±20%
61
0.100
1,200
1,210
100
NRH3012T 4R7MN
RoHS
4.7
±20%
50
0.130
1,000
1,060
100
NRH3012T 6R8MN
RoHS
6.8
±20%
43
0.190
850
890
100
NRH3012T 100MN
RoHS
10
±20%
32
0.270
730
720
100
NRH3012T 150MN
RoHS
15
±20%
26
0.450
530
570
100
NRH3012T 220MN
RoHS
22
±20%
22
0.630
500
500
100
●NRV3012 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRV3012T 1R0N
RoHS
1.0
±30%
110
0.065
2,500
1,600
100
NRV3012T 1R5N
RoHS
1.5
±30%
92
0.075
2,100
1,400
100
NRV3012T 2R2M
RoHS
2.2
±20%
70
0.120
1,800
1,100
100
NRV3012T 3R3M
RoHS
3.3
±20%
55
0.150
1,600
1,000
100
NRV3012T 4R7M
RoHS
4.7
±20%
48
0.190
1,250
850
100
NRV3012T 6R8M
RoHS
6.8
±20%
40
0.300
950
650
100
NRV3012T 100M
RoHS
10
±20%
32
0.470
800
550
100
●NRS3015 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS3015T 1R0NNGH
RoHS
1.0
±30%
100
0.030
2,100
2,100
100
NRS3015T 1R5NNGH
RoHS
1.5
±30%
87
0.038
1,800
1,820
100
NRS3015T 2R2MNGH
RoHS
2.2
±20%
64
0.058
1,480
1,500
100
NRS3015T 3R3MNGH
RoHS
3.3
±20%
49
0.078
1,210
1,230
100
NRS3015T 4R7MNGH
RoHS
4.7
±20%
40
0.120
1,020
1,040
100
NRS3015T 6R8MNGH
RoHS
6.8
±20%
36
0.160
870
880
100
NRS3015T 100MNGH
RoHS
10
±20%
28
0.220
700
710
100
NRS3015T 220MNGH
RoHS
22
±20%
20
0.520
470
470
100
●NRS4010 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS4010T 1R0NDGG
RoHS
1.0
±30%
116
0.056
2,000
1,900
100
NRS4010T 2R2MDGG
RoHS
2.2
±20%
73
0.085
1,200
1,500
100
NRS4010T 3R3MDGG
RoHS
3.3
±20%
58
0.100
1,100
1,400
100
NRS4010T 4R7MDGG
RoHS
4.7
±20%
47
0.140
950
1,200
100
NRS4010T 6R8MDGG
RoHS
6.8
±20%
38
0.200
800
1,000
100
NRS4010T 100MDGG
RoHS
10
±20%
31
0.300
620
750
100
NRS4010T 150MDGG
RoHS
15
±20%
24
0.430
540
600
100
NRS4010T 220MDGG
RoHS
22
±20%
19
0.570
450
500
100
●NRS4012 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NRS4012T 1R0NDGG
RoHS
1.0
±30%
100
0.042
2,800
2,200
100
NRS4012T 2R2MDGJ
RoHS
2.2
±20%
70
0.060
1,650
1,900
100
NRS4012T 3R3MDGJ
RoHS
3.3
±20%
60
0.070
1,400
1,700
100
NRS4012T 4R7MDGJ
RoHS
4.7
±20%
45
0.095
1,200
1,500
100
NRS4012T 6R8MDGJ
RoHS
6.8
±20%
35
0.125
900
1,300
100
NRS4012T 100MDGJ
RoHS
10
±20%
30
0.170
800
1,100
100
NRS4012T 150MDGJ
RoHS
15
±20%
24
0.260
650
750
100
NRS4012T 220MDGJ
RoHS
22
±20%
18
0.400
500
620
100
※) The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※) The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※) The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±20%)
Rated current ※) [mA]
Measuring
frequency[kHz]
i_smd_NR_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com