công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRH3012T-R0NN bảng dữ liệu(PDF) 18 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện NRH3012T-R0NN
Giải thích chi tiết về linh kiện  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN bảng dữ liệu(HTML) 18 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_smd_NR_NS_reli_e-E02R01
11. Withstanding voltage : between wire and core
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
-
NR10050 Type
NS101, NS125 Type
12. Adhesion of terminal electrode
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Shall not come off PC board
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NS101/125 Type :
The test samples shall be soldered to the test board by the reflow.
Applied force
: 10N to X and Y directions.
Duration
: 5s.
Solder cream thickness
: 0.10mm (NR30, NRS20, NRH24/30, NRV20/30)
: 0.15mm (NR40/50/60/80, NRS40/50/60, NS101/125Type)
NR10050 Type :
Applied force
: 5N to X and Y directions.
Duration
: 5s.
13. Resistance to vibration
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±10%
No significant abnormality in appearance.
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type :
The test samples shall be soldered to the test board by the reflow.
Then it shall be submitted to below test conditions.
Frequency Range
10~55Hz
Total Amplitude
1.5mm (May not exceed acceleration 196m/s2)
Sweeping Method
10Hz to 55Hz to 10Hz for 1min.
Time
X
For 2 hours on each X, Y, and Z axis.
Y
Z
Recovery : At least 2hrs of recovery under the standard condition after the test, followed by the measurement within 48hrs.
14. Solderability
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
At least 90% of surface of terminal electrode is covered by new solder.
NR10050 Type
NS101, NS125 Type
Test Methods and
Remarks
The test samples shall be dipped in flux, and then immersed in molten solder as shown in below table.
Flux : Methanol solution containing rosin 25%.
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type, NS101/125 Type
Solder Temperature
245±5℃
Time
5±1.0 sec.
※Immersion depth : All sides of mounting terminal shall be immersed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com