| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22Z-R25 bảng dữ liệu(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 bảng dữ liệu(HTML) 5 Page - Omron Electronics LLC |
|
5 / 21 page ![]() A22E ■ Subassembled The Operation Unit, Lamp, or Switch can be ordered separately. Use them in combination for models that are not available as assembled Units. These can also be used as inventory for maintenance parts. Note: Up to three Switch Units can be mounted for multiple contacts. Operation Unit ● Non-lighted ● Lighted (wituout Voltage Reduction Unit) ● Lighted (with Voltage Reduction Unit) Switch (See note.) Operation Unit Operation Unit Lamp Lamp Switch (withtout Voltage Reduction Unit) Switch (with Voltage Reduction Unit) Incandescent LED LED http://www.ia.omron.com/ 5 (c)Copyright OMRON Corporation 2007 All Rights Reserved. |