| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22Z-R25 bảng dữ liệu(PDF) 12 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 bảng dữ liệu(HTML) 12 Page - Omron Electronics LLC |
|
12 / 21 page ![]() A22E Lighted Models Note: The operation unit is an example for the A22E-M. ■ Dimensions for Accessories 32 41.2 18.5 A22EL-M 40 dia. Medium Push-lock, Turn-reset (40-dia. ) Switch dimensions when mounted to a DPST-NO (or DPST-NC) one-piece Switch Block 72.7 57.8 44 24 30 dia. 1 13 2.5 6 Hole Plug Round A22Z-3530 6.1 3.8 20.5 2.8 22.2 dia. 34.7 dia. 30-dia. Resin Attachment A22Z-A30 Lamp Extractor A22Z-3901 Tightening Wrench A22Z-3905 8.5 dia. 8 dia. 11 dia. 30 dia. Material: Chloroprene rubber Legend Plates for Emergency Stop A22Z-3466-1 ( φ60) 22.2 dia. 60 dia. A22Z-3466-2 ( φ60) Black letters Yellow O F F ER GEN Black letter 60 dia. 22.2 dia. t1 Yellow 22.2 dia. 90 dia. A22Z-3476-1 ( φ90) Black letters Yellow Lock Ring A22Z-3360 22.2 dia. 25-dia. Ring A22Z-R25 30 dia. Material: Iron, zinc plated Material: NBR (black) http://www.ia.omron.com/ 12 (c)Copyright OMRON Corporation 2007 All Rights Reserved. |