| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS49400 bảng dữ liệu(PDF) 96 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49400 bảng dữ liệu(HTML) 96 Page - Cirrus Logic |
|
96 / 100 page ![]() 96 SD_CLK_OUT — SDRAM Clock Output SDRAM clock output. OUTPUT SD_CLK_IN — SDRAM Re-timing Clock Input SDRAM re-timing clock input. INPUT SD_CLK_EN — SDRAM Clock Enable SDRAM clock enable. OUTPUT SD_BA, EXTA19 — SDRAM Bank Address Select, SRAM External Address Bus SDRAM bank address select. SRAM external address bus 19. OUTPUT SD_CS — SDRAM Chip Select SDRAM chip select. OUTPUT SD_RAS — SDRAM Row Address Strobe SDRAM row address strobe. OUTPUT SD_CAS — SDRAM Column Address Strobe SDRAM column address strobe. OUTPUT SD_WE — SDRAM Write Enable SDRAM write enable. OUTPUT SD_DQM1 — SDRAM Data Mask 1 SDRAM data mask 1. OUTPUT SD_DQM0 — SDRAM Data Mask 2 SDRAM data mask 0. OUTPUT NV_CS,GPIO14 — SRAM Chip Select, General Purpose I/O SRAM/Flash chip select. This pin can act as a general-purpose input or output that can be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: OUTPUT NV_OE,GPIO15 — SRAM Output Enable, General Purpose I/O SRAM/Flash output enable. This pin can act as a general-purpose input or output that can be individually configured and controlled by DSPC. BIDIRECTIONAL - Default: OUTPUT |