công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1934026-1 bảng dữ liệu(PDF) 28 Page - Tyco Electronics

tên linh kiện 1934026-1
Giải thích chi tiết về linh kiện  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 bảng dữ liệu(HTML) 28 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 24Page - Tyco Electronics 1934026-1 Datasheet HTML 25Page - Tyco Electronics 1934026-1 Datasheet HTML 26Page - Tyco Electronics 1934026-1 Datasheet HTML 27Page - Tyco Electronics 1934026-1 Datasheet HTML 28Page - Tyco Electronics 1934026-1 Datasheet HTML 29Page - Tyco Electronics 1934026-1 Datasheet HTML 30Page - Tyco Electronics 1934026-1 Datasheet HTML 31Page - Tyco Electronics 1934026-1 Datasheet HTML 32Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AdvancedTCA — Power Distribution & Management Modules (Continued)
PIM series along with Tyco Electronics’ isolated DC/DC and
bus converters and point of load modules, provides a complete
and low-cost power architectural solution while complying
with AdvancedTCA power board requirements.
Isolated Bus Converters
Full Featured DC-DC
Output
Output
Input
Output
Efficiency
Current
Form
Connection
Base
Converter Series
Power (W)
Current (A)
Voltage (V)
Voltage (V)
(%)
Share
Factor
Type
Plate
EQW006A0B
72 W
6 A
48 V (36 – 75)
12 V (11.6 – 12.4)
92 %
No
Eight-Brick
TH/SMT
No
EQW010A0B
120 W
10 A
48 V (36 – 75)
12 V (11.4 – 12.6)
93 %
No
Eight-Brick
TH
Yes
QBW018A0B
200 W
18 A
48 V (36 – 75)
12 V (11.4 – 12.6)
94 %
Yes
Qtr-Brick
TH
Yes
QBW025A0B
300 W
25 A
48 V (36 – 75)
12 V (11.4 – 12.6)
94 %
Yes
Qtr-Brick
TH
Yes
JRB017A0B
200 W
17 A
48 V (36 – 75)
12 V (11.7 – 12.3)
92 %
Yes
Half-Brick
TH
Yes
Non-Isolated DC-DC Converters
Austin Lynx
Output
Input Voltage
Output Voltage
Efficiency
Output
Remote
Remote
EZ-
Connector
Series
Current (A)
Range (V)
Range (V)
(%)
Programmable
On/Off
Sense
Sequence
Type
Austin MiniLynx
3 A
8.3 – 14 V
0.75 – 5.0 V
91 %
Yes
Yes
No
No
SIP/SMT
Austin MicroLynx
5 A
10 – 14 V
0.75 – 5.0 V
89 %
Yes
Yes
No
No
SIP/SMT
Austin Lynx
10 A
10 – 14 V
0.75 – 5.0 V
93 %
Yes
Yes
Yes
No
SIP/SMT
Austin SuperLynx
16 A
10 – 14 V
0.75 – 5.0 V
92 %
Yes
Yes
Yes
No
SIP/SMT
Austin Lynx II
Output
Input Voltage
Output Voltage
Efficiency
Output
Remote
Remote
EZ-
Connector
Series
Current (A)
Range (V)
Range (V)
(%)
Programmable
On/Off
Sense
Sequence
Type
Austin MicroLynx II
6 A
8.3 – 14 V
0.75 – 5.0 V
89 %
Yes
Yes
No
Yes
SIP/SMT
Austin Lynx II
10 A
8.3 – 14 V
0.75 – 5.0 V
93 %
Yes
Yes
Yes
Yes
SIP/SMT
Austin SuperLynx II
16 A
8.3 – 14 V
0.75 – 5.0 V
92 %
Yes
Yes
Yes
Yes
SIP/SMT
Austin MegaLynx II
25 A
6.0 – 14 V
0.80 – 3.3 V
92.5 %
Yes
Yes
Yes
Yes
SIP/SMT
28
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com