| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1934026-1 bảng dữ liệu(PDF) 19 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1934026-1 bảng dữ liệu(HTML) 19 Page - Tyco Electronics |
|
19 / 32 page ![]() 19 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in MicroTCA Specification (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Right Angle Plug Part Number 1469921-1 (solder tail) Part Number 1469922-1 (press-fit) Part Number 1469922-2 (press-fit, tin-lead pcb tails) The right angle connector consists of 72 high density signal pins and 24 right angle UPM blades in a 2 x 12 configuration. There are 8 power blades that are longer for first mate/break last ground sequencing. The right angle connectors come in 2 piece tail varia- tions, press-fit and solder. 3.00 [.118] Ref. Ref. Reference Back Plane Surface 20.70 [.815] Ref. 1.50 [.060] Ref. 32.35 [1.274] Ref. 19.00 [.748] Ref. 29.50 [1.161] Ref. 35.50 [1.398] Ref. 15.15 [.600] Ref. Dim. To Signal Column A 23.60 [.929] Ref. 39.60 ± 0.10 [1.559 ± .004] 17.40 ± 0.10 [.685 ± .004] 11.85 ± 0.10 [.467 ± .004] 19.12 ± 0.10 [.753 ± .004] 9.30 ± 0.13 [.366 ± .005] 12.00 ± 0.10 [.472 ± .004] 22.12 ± 0.15 [.871 ± .006] Section A - A 2.55 ± 0.20 [.100 ± .008] 20.20 ± 0.10 [.795 ± .004] Ground Contacts Positions P4 Thru P11 Top Surface of PCB Aligned With Row B Contact CL Position 13 Position 1 18.62 [.733] Sense Pin Location (1A) 0.40 [.016] Ref. Typ. Ref. 11.50 [.453] Ref. 3.37 [.133] 10.90 ± 0.13 [.429 ± .005] 3.00 [.118] Ref. Ref. Reference Back Plane Surface 20.70 [.815] Ref. 1.50 [.060] Ref. 32.35 [1.274] Ref. 19.00 [.748] Ref. 29.50 [1.161] Ref. 35.50 [1.398] Ref. 15.15 [.600] Ref. Dim. To Signal Column A 23.60 [.929] Ref. 39.60 ± 0.10 [1.559 ± .004] 17.40 ± 0.10 [.685 ± .004] 11.85 ± 0.10 [.467 ± .004] 19.12 ± 0.10 [.753 ± .004] 9.30 ± 0.13 [.366 ± .005] 12.00 ± 0.10 [.472 ± .004] 22.12 ± 0.15 [.871 ± .006] Section A - A 3.30 ± 0.20 [.130 ± .008] 20.20 ± 0.10 [.795 ± .004] Ground Contacts Positions P4 Thru P11 Top Surface of PCB Aligned With Row B Contact CL Position 13 Position 1 18.62 [.733] Sense Pin Location (1A) 0.40 [.016] Ref. Typ. Ref. 11.50 [.453] Ref. 3.37 [.133] 10.90 ± 0.13 [.429 ± .005] MINIPAK HD Power Connectors (Continued) Part Number 1469921-1 Part Number 1469922-1 Note: Part Numbers are RoHS compliant except: Indicates “5 of 6 compliant” (lead in solderable interface only). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |