công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1934026-1 bảng dữ liệu(PDF) 23 Page - Tyco Electronics

tên linh kiện 1934026-1
Giải thích chi tiết về linh kiện  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 bảng dữ liệu(HTML) 23 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 19Page - Tyco Electronics 1934026-1 Datasheet HTML 20Page - Tyco Electronics 1934026-1 Datasheet HTML 21Page - Tyco Electronics 1934026-1 Datasheet HTML 22Page - Tyco Electronics 1934026-1 Datasheet HTML 23Page - Tyco Electronics 1934026-1 Datasheet HTML 24Page - Tyco Electronics 1934026-1 Datasheet HTML 25Page - Tyco Electronics 1934026-1 Datasheet HTML 26Page - Tyco Electronics 1934026-1 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks
of PICMG-PCI Industrial Computer Manufacturers Group Incorporated.
Thermal Interface Products are mandatory
for reducing the waste heat and cooling
the system in the most efficient way. Waste
heat reduces the silicon chip reliability and
performance. In addition to the products
Tyco Electronics is offering such as Heat
Sinks, Heat Pipes and CHIP COOLERs,
in all shapes and sizes, Tyco Electronics
offers state of the art Thermal Management
Services. Thermal Management is the
design practice of moving waste heat to
locations that do not affect the equipment or
overall device performance. Each Thermal
Product can be fully customized
to fulfill the specific requested system
cooling requirements.
www.tycoelectronics.com/products/atca
www.thermal.tycoelectronics.com
Catalog 1309431
Flyer 1308225
AdvancedTCA — Thermal Products & Services
FEATURES
• Tyco Electronics thermal solutions
provide
optimum
cooling
for
active components like BGA (Ball
Grid Array), MCM modules, opti-
cal modules and power devices
• Compatible to most AdvancedTCA
connector
form
factors,
low
profile solutions
• Off the shelf as well as customized
products
• Heat pipe technology in combin-
ation with passive heat sinks
• Advanced
thermal
conductive
polymer for weight and cost
reduction
• Full CFD (Computational Fluid
Dynamics) simulation and analy-
sis, optimum Thermal design
numerical
and
analytical
approaches
Tyco Electronics’ MRJ21 receptacle is a
high density I/O interconnect. This high
density connector supports AdvancedMC
Mid-size and Full-size module face plates
and AdvancedTCA face plates. It can also
be used for Rear I/O via Rear Transition
Modules (RTMs), as well as in
AdvancedTCA Zone 3 applications.
The MRJ21 connector is fully shielded and
provides density savings for current 10/100
or GbE RJ45/RJ21 applications. The low
profile and narrow width design will allow
more ports to be packed into less space.
Tyco Electronics offers a full end-user
solution with cleaner cabling solutions over
RJ45s, and patch panels for plug-and-play
environment, including data centers and
zone cabled or open office environments.
www.tycoelectronics.com/products/atca
AdvancedTCA — Front & Rear I/O Connectors — MRJ21 Receptacles
FEATURES
• 1.5 to 3 times the port density
of stacked Mod Jacks (RJ45).
3 times the port density of RJ21
• Contact layout and footprint for
differential pairs creates reduced
cross-talk and built in compensa-
tion
• Connector is designed to meet or
exceed Cat 5e cross-talk
• Fully
shielded
system
to
control
EMI
(Electro-magnetic
Interference)
• Robust die cast cable covers pro-
vide 45 degrees left or right cable
exit for ease of routing
• 1 mm pair spacing, 1.5 mm pair
to pair spacing
• Patch panels and cable manage-
ment solutions available
MRJ21 PCB Receptacles (48-position)
Part Number
Panel
PCB
Grounds
Termination
1761482-1
No
Solder
1761482-2
Yes
Solder
1761482-4
No
Press-Fit
Screwlocks sold separately
Receptacle Screwlocks
Part Number
Panel
Thickness
1339381-1
< 1mm
1339381-2
> 1mm to
< 2mm
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com