công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ULCD-32WPTU-AR bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện ULCD-32WPTU-AR
Giải thích chi tiết về linh kiện  Arduino Display Module Pack Featuring a 3.2" Wide Display Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-32WPTU-AR bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  ULCD-32WPTU-AR Datasheet HTML 1Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4D SYSTEMS
uLCD-32W-PTU-AR
© 2014 4D SYSTEMS
Page 4 of 6
www.4dsystems.com.au
2. Advanced Hardware Options
The display module (uLCD-32W-PTU) is a very capable and powerful piece of hardware, which can be
reconfigured beyond the boundaries of the Arduino.
With the use of the 4D Systems Workshop4 IDE Software, the display module can be configured and
programmed independently of the Arduino environment.
If a user wishes to investigate the capabilities of the uLCD-32W-PTU and reconfigure the display module,
please refer to the Datasheet for the uLCD-32W-PTU, available from the 4D systems website,
www.4dsystems.com.au.
The user can freely change back to the configuration the module was shipped in if desired, all via the
Workshop4 IDE Software.
To take advantage of the 4D Systems Workshop4 Software, a 4D Programming Cable is required, which can be
purchased from the 4D Systems website, or from a 4D Systems distributor.
The Workshop4 IDE enables the uLCD-32W-PTU display module to be configured using 4 different
environments.
The Designer environment enables the user to write 4DGL code in its natural form to program the display
module.
A visual programming experience, suitably called ViSi, enables click-and-place type placement of objects
to assist with 4DGL code generation and allows the user to visualise how the display will look while being
developed.
An advanced environment called ViSi-Genie doesn’t require any 4DGL coding at all, it is all done
automatically for you. Simply lay the display out with the objects you want, set the events to drive them
and the code is written for you automatically. ViSi-Genie provides the latest rapid development
experience from 4D Systems.
A Serial environment is also provided to transform the display module into a slave serial module, allowing
the user to control the display from any host microcontroller or device with a serial port.
Designer and ViSi allow the user to program and write their own protocol to communicate between the
Arduino and the Display Module.
ViSi-Genie has a set protocol as outlined in the documentation associated with it (Available from the
Workshop4 Product page of the website), and 4D Systems has developed an Arduino Library specifically for the
ViSi-Genie environment, to enable a rapid development platform for users. The library is available for
download from the uLCD-32W-PTU-AR product page on the 4D Systems Website, www.4dsystems.com.au.
The Serial environment loads an application (SPE) onto the display module which enables commands from the
Arduino to communicate directly with the display module and get it to perform specific actions. 4D Systems
has developed a library specifically for this environment also, which is available for download from the uLCD-
32W-PTU-AR product page on the 4D Systems Website, www.4dsystems.com.au.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com