công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ULCD-32WPTU-AR bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện ULCD-32WPTU-AR
Giải thích chi tiết về linh kiện  Arduino Display Module Pack Featuring a 3.2" Wide Display Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-32WPTU-AR bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  ULCD-32WPTU-AR Datasheet HTML 1Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-32WPTU-AR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4D SYSTEMS
uLCD-32W-PTU-AR
© 2014 4D SYSTEMS
Page 3 of 6
www.4dsystems.com.au
1. Description
The 4D Systems Arduino* Display Module Pack
(uLCD-32W-PTU-AR) is made up of a uLCD-32W-
PTU Display Module and an Adaptor to easily
connect an Arduino to the 4D Systems Display.
The Pack comprises of:
 uLCD-32W-PTU Display Module
 4D Arduino Adaptor Shield
 5 way Female-Female Cable
The Arduino Display Module Pack enables an
Arduino user to quickly connect the 4D Arduino
Adaptor Shield to their Arduino, connect the 5 way
cable between the Adaptor and the Display
Module, and be connected in seconds to start
programming their new 4D Systems Display.
The uLCD-32W-PTU can be configured in a number
of ways using the 4D Systems Workshop4 IDE,
which enable a comprehensive range of serial
commands ready to be received from the Arduino,
to draw primitives such as lines, rectangles, circles
and text, to displaying images, playing sound and
logging data to uSD card.
Communication
to
the
Display
Module
is
performed via the Arduino’s hardware serial port.
A single digital on the Arduino is utilised for an
external reset for the display.
Power for the display is supplied from the
Arduino’s 5V bus. In most cases, no external power
is required for the Display Module as all power is
supplied from the Arduino, via the Adaptor Shield.
The Arduino DC Jack may be required to supply the
Arduino with power if the USB supply of the PC is
insufficient.
In some cases, the display may be required to be
powered separately to the Arduino, which the
Arduino Adaptor Shield allows. Please refer to the
Datasheet for the 4D Arduino Adaptor Shield for
more information.
For a detailed listing of the capabilities of the
display module in this Arduino Pack, please refer
to the datasheet for the display itself, available
from
the
4D
Systems
website,
www.4dsystems.com.au.
4D Arduino Adaptor Shield
The uLCD-32W-PTU Display Module
Arduino Display Module Pack connected together
(Note: Arduino not included in Pack)
NOTE (*): Arduino remains the property of the
Arduino Team. All references to the word Arduino
and Arduino Hardware are licensed under the
Creative Commons Attribution Share-Alike license.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com