công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4052ID bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện THS4052ID
Giải thích chi tiết về linh kiện  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052ID bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  THS4052ID Datasheet HTML 1Page - National Semiconductor (TI) THS4052ID Datasheet HTML 2Page - National Semiconductor (TI) THS4052ID Datasheet HTML 3Page - National Semiconductor (TI) THS4052ID Datasheet HTML 4Page - National Semiconductor (TI) THS4052ID Datasheet HTML 5Page - National Semiconductor (TI) THS4052ID Datasheet HTML 6Page - National Semiconductor (TI) THS4052ID Datasheet HTML 7Page - National Semiconductor (TI) THS4052ID Datasheet HTML 8Page - National Semiconductor (TI) THS4052ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FEATURES
D High Speed:
− 70 MHz Bandwidth (G = 1, −3 dB)
− 240 V/
µs Slew Rate
− 60-ns Settling Time (0.1%)
D High Output Drive, IO = 100 mA (typ)
D Excellent Video Performance:
− 0.1 dB Bandwidth of 30 MHz (G = 1)
− 0.01% Differential Gain
− 0.01
° Differential Phase
D Very Low Distortion:
− THD = −82 dBc (f = 1 MHz, RL = 150 Ω)
− THD = −89 dBc (f = 1 MHz, RL = 1 kΩ)
D Wide Range of Power Supplies:
− VCC = ±5 V to ±15 V
D Available in Standard SOIC, MSOP
PowerPAD
, JG, or FK Packages
D Evaluation Module Available
DESCRIPTION
The THS4051 and THS4052 are general-purpose,
single/dual, high-speed voltage feedback amplifiers ideal
for a wide range of applications including video,
communication, and imaging. The devices offer very good
ac performance with 70-MHz bandwidth, 240-V/
µs slew
rate, and 60-ns settling time (0.1%). The THS4051/2 are
stable
at
all
gains
for
both
inverting
and
non-
inverting configurations. These amplifiers have a high
output drive capability of 100 mA and draw only 8.5-mA
supply current per channel. Excellent professional video
results can be obtained with the low differential gain/phase
errors of 0.01%/ 0.01
° and wide 0.1-dB flatness to 30 MHz.
For applications requiring low distortion, the THS4051/2 is
ideally suited with total harmonic distortion of −82 dBc at
1 MHz.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
THS4031/2
THS4081/2
290-MHz Low Distortion High-Speed Amplifiers
100-MHz Low Noise High-Speed Amplifiers
175-MHz Low Power High-Speed Amplifiers
THS4052
D AND DGN† PACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
−VCC
VCC+
2OUT
2IN−
2IN+
1
2
3
4
8
7
6
5
NULL
IN −
IN +
VCC−
NULL
VCC+
OUT
NC
THS4051
D, DGN, AND JG PACKAGES
(TOP VIEW)
NC − No internal connection
Cross Section View Showing
PowerPAD
 Option (DGN)
† This device is in the Product Preview stage of development.
Please contact your local TI sales office for availability.
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
VCC+
NC
OUT
NC
NC
IN−
NC
IN+
NC
THS4051
FK PACKAGE
(TOP VIEW)
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
70MHz HIGHSPEED AMPLIFIERS
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 1999−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
DLP is a registered trademark of Texas Instruments. SMBus is a trademark of Intel Corp.
All other trademarks are the property of their respective owners.


Số phần tương tự - THS4052ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS4052ID TI-THS4052ID Datasheet
487Kb / 30P
70-MHz HIGH-SPEED AMPLIFIERS
THS4052ID TI1-THS4052ID Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
THS4052IDGN TI-THS4052IDGN Datasheet
487Kb / 30P
70-MHz HIGH-SPEED AMPLIFIERS
THS4052IDGN TI1-THS4052IDGN Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
THS4052IDGNR TI1-THS4052IDGNR Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results

Mô tả tương tự - THS4052ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
70-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
180-MHz HIGH-SPEED AMPLIFIERS
THS7001 TI-THS7001 Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4081IDGNR TI1-THS4081IDGNR Datasheet
947Kb / 32P
175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
 180 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com