| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L1C bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
L1C bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp |
|
18 / 42 page ![]() QB-RL78L1C In-Circuit Emulator CHAPTER 2 SETUP PROCEDURE R20UT2703EJ0200 Rev.2.00 Page 18 of 42 Jan 31, 2014 CHAPTER 2 SETUP PROCEDURE This chapter explains the QB-RL78L1C setup procedure. Setup can be completed by performing installation setup in the order in which it appears in this chapter. Perform setup along the lines of the following procedure. See 1.2 Names and Functions of Hardware for clock positions. Clock settings See 2.2 Clock Settings. See 2.1 Software Settings. Mounting and connecting connectors See 2.3 Mounting and Connecting Connectors Connecting USB interface cable and AC adapter See 2.6 Connecting USB interface cable and AC adapter. Switching power on and off See 2.7 Switching power on and off. Connecting QB-RL78L1C to target system See 2.4 Connecting QB-RL78L1C to target system. Software settings |