| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L1C bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
L1C bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 42 page ![]() QB-RL78L1C In-Circuit Emulator CHAPTER 1 GENERAL R20UT2703EJ0200 Rev.2.00 Page 13 of 42 Jan 31, 2014 Remarks 1. Refer to 1.6 Package Contents for the purchase forms of the above products. 2. As for handling of connectors, refer to 2.3 Mounting and Connecting Connectors. 3. The part number of <3> differs depending on the region of use. See Table 1-5 Part Numbers of AC Adapter for IECUBE Classified by Region for the part numbers. The IECUBE requires an AC adapter that must be purchased separately. 4. See Table 1-4 Common Adapter and Probe for the part numbers of <5> and <6>. 5. The combination of <7>, <8>, <9>, <10>, and <11> varies depending on the emulation device. See Table 1-3 Adapters and Connectors for Each Target Device for the combinations. |