công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8L152R6 bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện STM8L152R6
Giải thích chi tiết về linh kiện  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152R6 bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button STM8L152R6 Datasheet HTML 32Page - STMicroelectronics STM8L152R6 Datasheet HTML 33Page - STMicroelectronics STM8L152R6 Datasheet HTML 34Page - STMicroelectronics STM8L152R6 Datasheet HTML 35Page - STMicroelectronics STM8L152R6 Datasheet HTML 36Page - STMicroelectronics STM8L152R6 Datasheet HTML 37Page - STMicroelectronics STM8L152R6 Datasheet HTML 38Page - STMicroelectronics STM8L152R6 Datasheet HTML 39Page - STMicroelectronics STM8L152R6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 134 page
background image
Pin description
STM8L15xx8, STM8L15xR6
36/134
DocID17943 Rev 6
52
-
-
PF3/ADC1_IN27/
[SPI1_NSS]
I/O
X
XX HS X
X Port F3
ADC1_IN27
[SPI1 master/slave select]
-41
-
PF4/LCD_SEG36/
[LCD _COM4](9)
I/O FT(5) X
XX HS X
X Port F4
LCD segment 36/
[LCD_COM4](9)
53
-
-
PF4/LCD_SEG40/
[LCD_COM4]
I/O FT(5) X
XX HS X
X Port F4
LCD segment 40/
[LCD_COM4](9)
-42
-
PF5/LCD_SEG37/
[LCD_COM5](9)
I/O FT(5) X
XX HS X
X Port F5
LCD segment 37/
[LCD COM5](9)
54
-
-
PF5/LCD_SEG41/
[LCD_COM5]
I/O FT(5) X
XX HS X
X Port F5
LCD segment 41/
[LCD COM5](9)
-43
-
PF6/LCD_SEG38
/[LCD_COM6](9)
I/O FT(5) X
XX HS X
X Port F6
LCD segment 38/
[LCD COM6](9)
55
-
-
PF6/LCD_SEG42/
[LCD_COM6]
I/O FT(5) X
XX HS X
X Port F6
LCD segment 42/
[LCD COM6](9)
-44
-
PF7/LCD_SEG39/
[LCD_COM7](9)
I/O FT(5) X
XX HS X
X Port F7
LCD segment 39/
[LCD COM7](9)
56
-
-
PF7/LCD_SEG43/
[LCD_COM7]
I/O FT(5) X
XX HS X
X Port F7
LCD segment 43/
[LCD COM7](9)
22 18 13 VLCD(7)
S
LCD booster external capacitor
15 11 10 VDD1
S
Digital power supply
14 10
- VSS1
I/O ground
16 12 11 VDDA
S
Analog supply voltage
17 13 12 VREF+/VREF+_DAC
S
ADC1 and DAC1/2 positive voltage
reference
18 14
-
PG0/LCD SEG28(3)
/USART3_RX/
[TIM2_BKIN]
I/O FT(5) X
XX HS X
X Port G0
LCD segment 28/
USART3 receive /
[Timer 2 - break input]
19 15
-
PG1/LCD SEG29(3)
/USART3_TX/
[TIM3_BKIN]
I/O FT(5) X
XX HS X
X Port G1
LCD segment 29/
USART3 transmit /
[Timer 3 -break input]
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More