| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6717 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6717 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 56 page ![]() Electrical specifications L6717 14/56 Doc ID 17326 Rev 1 3 Electrical specifications 3.1 Absolute maximum ratings Table 4. Absolute maximum ratings Symbol Parameter Value Unit VCC,VCCDRV to GND -0.3 to 15 V VBOOTx, VUGATEx to GND to PHASEx 41 15 V VPHASEx to GND to GND, t < 200nsec. -8 to 26 30 V VLGATEx to GND to GND, t < 100nsec. -0.3 to VCCDRV + 0.3 -3 V All other pins to GND -0.3 to 3.6 V Maximum withstanding voltage range test condition: CDF-AEC-Q100-002- “human body model” acceptance “normal performance” ±1750 V |