| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6717 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6717 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 56 page ![]() VFQFPN48 mechanical data and package dimensions L6717 54/56 Doc ID 17326 Rev 1 14 VFQFPN48 mechanical data and package dimensions In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 21. VFQFPN48 mechanical data and package dimensions OUTLINE AND MECHANICAL DATA DIM. mm MIN. TYP. MAX. MIN. TYP. MAX. A 0.800 0.900 1.000 31.50 39.37 A3 0.200 7.874 b 0.180 0.250 0.300 7.087 9.843 11.81 D 6.900 7.000 7.100 271.6 275.6 279.5 D2 5.050 5.150 5.250 198.8 . 202.7 206.7 E 6.900 7.000 7.100 E2 5.050 5.150 5.250 e 0.500 19.68 L 0.300 0.400 0.500 11.81 15.75 ddd 0.080 3.150 VFQFPN-48 (7x7x1.0mm) Very Fine Quad Flat Package No lead ddd mils 35.43 271.6 275.6 279.5 198.8 202.7 206.7 19.68 |