công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98714CCMT/NOPB bảng dữ liệu(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM98714CCMT/NOPB
Giải thích chi tiết về linh kiện  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714CCMT/NOPB bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button LM98714CCMT/NOPB Datasheet HTML 61Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 62Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 63Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 64Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 65Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 66Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 67Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 68Page - Texas Instruments LM98714CCMT/NOPB Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Configuration Registers
The LM98714 operation is very flexible to support a wide variety of sensors and system designs. This flexibility is
controlled through configuration registers which are first summarized, then described in full in the following
tables. Because the serial interface only allows 5 address bits, a register paging system is used to support the
larger number of required registers.
A page register is present at the highest address (1Fh or 11111b). The power on default setting of the page
register is 00. Writing other values to this register allows the other pages to be accessed. The page register is
mirrored, and is accessible at the highest address on each page.
Figure 64 shows the proper sequence of operation for the LM98714.
Figure 64. LM98714 Proper Sequence of Operation
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com