công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC6201P152PR bảng dữ liệu(PDF) 2 Page - Torex Semiconductor

tên linh kiện XC6201P152PR
Giải thích chi tiết về linh kiện  Positive Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P152PR bảng dữ liệu(HTML) 2 Page - Torex Semiconductor

  XC6201P152PR Datasheet HTML 1Page - Torex Semiconductor XC6201P152PR Datasheet HTML 2Page - Torex Semiconductor XC6201P152PR Datasheet HTML 3Page - Torex Semiconductor XC6201P152PR Datasheet HTML 4Page - Torex Semiconductor XC6201P152PR Datasheet HTML 5Page - Torex Semiconductor XC6201P152PR Datasheet HTML 6Page - Torex Semiconductor XC6201P152PR Datasheet HTML 7Page - Torex Semiconductor XC6201P152PR Datasheet HTML 8Page - Torex Semiconductor XC6201P152PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/24
XC6201 Series
PIN NUMBER
SOT-25
SOT-89/TO-92 (T)
USP-6B
PIN NAME
FUNCTION
5
1
3
VOUT
Output
2
2
5
VSS
Ground
1
3
1
VIN
Power Input
3, 4
-
2,4,6
NC
No Connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Product Number
01
-
②
Type of Regulator
P
3-pin regulator
③④
Output Voltage
13~60
e.g. 30:3.0V
50:5.0V
1
±
1%
⑤
Output Voltage Accuracy
2
±
2%
MR
SOT-25
MR-G
SOT-25
PR
SOT-89
PR-G
SOT-89
TH
TO-92 Taping Type: Paper type
TH-G
TO-92 Taping Type: Paper type
TB
TO-92 Taping Type: Bag
TB-G
TO-92 Taping Type: Bag
DR
USP-6B
⑥⑦-⑧
Packages
Taping Type
(*2)
DR-G
USP-6B
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
*The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No.5) pin.
NC
VSS
NC
VIN
NC
VOUT
X C 6 2 0 1 P ③④⑤⑥⑦-⑧(*1)
① ②
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑥R-⑧, Reverse orientation: ⑥L-⑧)
* +1% accuracy can be set at VOUT(T) > 2.0V.
(SIDE VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com