công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC6201P152PR bảng dữ liệu(PDF) 1 Page - Torex Semiconductor

tên linh kiện XC6201P152PR
Giải thích chi tiết về linh kiện  Positive Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P152PR bảng dữ liệu(HTML) 1 Page - Torex Semiconductor

  XC6201P152PR Datasheet HTML 1Page - Torex Semiconductor XC6201P152PR Datasheet HTML 2Page - Torex Semiconductor XC6201P152PR Datasheet HTML 3Page - Torex Semiconductor XC6201P152PR Datasheet HTML 4Page - Torex Semiconductor XC6201P152PR Datasheet HTML 5Page - Torex Semiconductor XC6201P152PR Datasheet HTML 6Page - Torex Semiconductor XC6201P152PR Datasheet HTML 7Page - Torex Semiconductor XC6201P152PR Datasheet HTML 8Page - Torex Semiconductor XC6201P152PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
XC6201 Series
Positive Voltage Regulators
■
GENERAL DESCRIPTION
The XC6201 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and
laser trimming technologies.
The series provides large currents with a significantly small dropout voltage.
The XC6201 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier. Output
voltage is selectable in 0.1V steps between 1.3V ~ 6.0V.
SOT-25, SOT-89, USP-6B and TO-92 packages are available.
■
APPLICATIONS
●
Mobile Phones
●
Cordless phones, wireless communication equipment
●
Cameras, video recorders
●
Portable games
●
Portable AV equipment
●
Reference voltage
●
Battery powered equipment
■
TYPICAL APPLICATION CIRCUIT
■
FEATURES
Maximum Output Current
: 250mA (TYP.)
Dropout Voltage
: 0.16V @ 100mA
: 0.40V @ 200mA
Maximum Operating Voltage
: 10V
Output Voltage Range
: 1.3V ~ 6.0V (0.1V increments)
Fixed Voltage Accuracy
: ±1% (VOUT(T)>2.0V)
±
2%
Low Power Consumption
: 2.0μA (TYP.)
Operational Temperature Range
: -40℃ ~ 85℃
Packages
: SOT-25,
SOT-89
TO-92
USP-6B
Environmentally Friendly
: EU RoHS Compliant, Pb Free
Tantalum or Ceramic Capacitor compatible
■
TYPICAL PERFORMANCE
CHARACTERISTICS
XC6201P332
ETR0301_004
●
Supply Current vs. Input Voltage


Số phần tương tự - XC6201P152PR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Torex Semiconductor
XC6201P152PR TOREX-XC6201P152PR Datasheet
483Kb / 22P
Positive Voltage Regulators
XC6201P152PR TOREX-XC6201P152PR Datasheet
1Mb / 27P
Positive Voltage Regulators
ETR0301-007
XC6201P152PR-G TOREX-XC6201P152PR-G Datasheet
1Mb / 27P
Positive Voltage Regulators
ETR0301-007
More results

Mô tả tương tự - XC6201P152PR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com