công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS2323-4SC bảng dữ liệu(PDF) 45 Page - ATMEL Corporation

tên linh kiện AT90LS2323-4SC
Giải thích chi tiết về linh kiện  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323-4SC bảng dữ liệu(HTML) 45 Page - ATMEL Corporation

Back Button AT90LS2323-4SC Datasheet HTML 41Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 42Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 43Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 44Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 45Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 46Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 47Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 48Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
45
AT90S/LS2323/2343
1004D–09/01
Notes:
1. a = address high bits
b = address low bits
H = 0 – Low byte, 1 – High byte
o = data out
i = data in
x = don’t care
1 = lock bit 1
2 = lock bit 2
F = FSTRT Fuse
R = RCEN Fuse
S = SPIEN Fuse
2. When the state of the RCEN/FSTRT bit is changed, the device must be power cycled for the changes to have any effect.
3. The signature bytes are not readable in Lock mode 3, i.e., both Lock bits programmed.
Table 19. Low-voltage Serial Programming Instruction Set AT90S2323/2343
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte 4
Programming
Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable Serial programming while
RESET is low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip erase both Flash and
EEPROM memory arrays.
Read Program
Memory
0010 H000
0000 00aa
bbbb bbbb
oooo oooo
Read H (high or low) data o from
program memory at word address
a:b.
Write Program
Memory
0100 H000
0000 00aa
bbbb bbbb
iiii iiii
Write H (high or low) data i to
program memory at word address
a:b.
Read
EEPROM Memory
1010 0000
0000 0000
xbbb bbbb
oooo oooo
Read data o from EEPROM
memory at address b.
Write
EEPROM Memory
1100 0000
0000 0000
xbbb bbbb
iiii iiii
Write data i to EEPROM memory at
address b.
Read Lock and
Fuse Bits
(AT90S/LS2323)
0101 1000
xxxx xxxx
xxxx xxxx
12S
x xxxF
Read Lock and Fuse bits.
“0” = programmed,
“1” = unprogrammed
Read Lock and
Fuse Bits
(AT90S/LS2343)
0101 1000
xxxx xxxx
xxxx xxxx
12S
x xxxR
Read Lock and Fuse bits.
“0” = programmed,
“1” = unprogrammed
Write Lock Bits
1010 1100
1111 1211
xxxx xxxx
xxxx xxxx
Write Lock bits. Set bits 1,2 = “0” to
program Lock bits.
Write FSTRT Bit
(AT90S/LS2323)
1010 1100
1011 111F
xxxx xxxx
xxxx xxxx
Write FSTRT fuse. Set bit F = “0” to
program, “1” to unprogram.
(2)
Write RCEN Bit
(AT90S/LS2343)
1010 1100
1011 111R
xxxx xxxx
xxxx xxxx
Write RCEN Fuse. Set bit R = ‘0’ to
program, ‘1’ to unprogram.
(2)
Read Signature
Bytes
0011 0000
xxxx xxxx
xxxx xxbb
oooo oooo
Read signature byte o from
address b.
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com