công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS2323-4SC bảng dữ liệu(PDF) 38 Page - ATMEL Corporation

tên linh kiện AT90LS2323-4SC
Giải thích chi tiết về linh kiện  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323-4SC bảng dữ liệu(HTML) 38 Page - ATMEL Corporation

Back Button AT90LS2323-4SC Datasheet HTML 34Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 35Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 36Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 37Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 38Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 39Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 40Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 41Page - ATMEL Corporation AT90LS2323-4SC Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
38
AT90S/LS2323/2343
1004D–09/01
3.
$002: $03 (indicates AT90S/LS2343 when signature byte $001 is $91)
Note:
When both Lock bits are programmed (Lock mode 3), the signature bytes cannot be read
in the low-voltage Serial mode. Reading the signature bytes will return: $00, $01 and
$02.
Programming the Flash
and EEPROM
Atmel’s AT90S2323/2343 offers 2K bytes of In-System Programmable Flash program
memory and 128 bytes of EEPROM data memory.
The AT90S2323/2343 is shipped with the On-chip Flash program and EEPROM data
memory arrays in the erased state (i.e., contents = $FF) and ready to be programmed.
The device supports a high-voltage (12V) Serial Programming mode and a low-voltage
Serial Programming mode. The +12V is used for programming enable only and no cur-
rent of significance is drawn by this pin. The low-voltage Serial Programming mode
provides a convenient way to download program and data into the device inside the
user’s system.
The program and EEPROM memory arrays in the AT90S2323/2343 are programmed
byte-by-byte in either programming modes. For the EEPROM, an auto-erase cycle is
provided within the self-timed write instruction in the low-voltage Serial Programming
mode.
During programming, the supply voltage must be in accordance with Table 15.
High-voltage Serial
Programming
This section describes how to program and verify Flash program memory, EEPROM
data memory, Lock bits and Fuse bits in the AT90S2323/2343.
Figure 32. High-voltage Serial Programming
Table 15. Supply Voltage during Programming
Part
Low-voltage Serial Programming
High-voltage Serial Programming
AT90S2323
4.0 - 6.0V
4.5 - 5.5V
AT90LS2323
2.7 - 6.0V
4.5 - 5.5V
AT90S2323
4.0 - 6.0V
4.5 - 5.5V
AT90LS2323
2.7 - 6.0V
4.5 - 5.5V
RESET
XTAL1/PB3
GND
VCC
PB2
PB1
PB0
SERIAL DATA OUTPUT
SERIAL INSTR. INPUT
SERIAL DATA INPUT
SERIAL CLOCK INPUT
11.5 - 12.5V
4.5 - 5.5V
AT90S/LS2323,
AT90S/LS2343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com