công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DBM13X3P-JNMB bảng dữ liệu(PDF) 36 Page - ITT Industries

tên linh kiện DBM13X3P-JNMB
Giải thích chi tiết về linh kiện  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB bảng dữ liệu(HTML) 36 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 32Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 33Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 34Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 35Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 36Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 37Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 38Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 39Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 40Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
36
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Solder Cup Receptacle DE-DC
•Forcontactcavityarrangements,see
page 62.
•Formountingmethods,seepages59-60.
Receptacle,Soldercup,sizesDE–DC,withemptysize8cavities
Empty size 8 contact cavities
with solder pot termination
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC/LOW OUTGASSING**
Shell
Layout
P/N with
P/N with
P/N with
size
through hole
through hole
through hole
DE 2W2
DEM2W2SA197
DEMM2W2S
DEM2W2SNMBK52
DE 2WK2
DEM2WK2SA197
DEMM2WK2S
DEM2WK2SNMBK52
DE 5W1
DEM5W1SA197
DEMM5W1S
DEM5W1SNMBK52
DA 7W2
DAM7W2SA197
DAMM7W2S
DAM7W2SNMBK52
DA 11W1
DAM11W1SA197
DAMM11W1S
DAM11W1SNMBK52
DA 3W3
DAM3W3SA197
DAMM3W3S
DAM3W3SNMBK52
DA 3WK3
DAM3WK3SA197
DAMM3WK3S
DAM3WK3SNMBK52
DB 5W5
DBM5W5SA197
DBMM5W5S
DBM5W5SNMBK52
DB 9W4
DBM9W4SA197
DBMM9W4S
DBM9W4SNMBK52
DB 13W3
DBM13W3SA197
DBMM13W3S
DBM13W3SNMBK52
DB 17W2
DBM17W2SA197
DBMM17W2S
DBM17W2SNMBK52
DB 21W1
DBM21W1SA197
DBMM21W1S
DBM21W1SNMBK52
DC 8W8
DCM8W8SA197
DCMM8W8S
DCM8W8SNMBK52
DC 13W6
DCM13W6SA197
DCMM13W6S
DCM13W6SNMBK52
DC 17W5
DCM17W5SA197
DCMM17W5S
DCM17W5SNMBK52
DC 21WA4
DCM21WA4SA197
DCMM21WA4S
DCM21WA4SNMBK52
DC 25W3
DCM25W3SA197
DCMM25W3S
DCM25W3SNMBK52
DC 27W2
DCM27W2SA197
DCMM27W2S
DCM27W2SNMBK52
*For clinch nut 4-40 UNC thread add "E", for float mount add "Y" after D*M designation
(Ex. DCMME27W2P, DGMY27W2PK87) 2W2/2WK2, 3W3/3WK3 (keyed) 5W5 and 8W8 without
signal contacts.
** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory
for more information
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,317 (.0125)
± 0,25 (.010)
DE
30,81(1.213)
16,33(.643)
24,99(.984)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
1,206(.0475)
0,76(.030)
DA
39,14(1.541)
24,65(.971)
33,32(1.312)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
1,206(.0475)
0,76(.030)
DB
53,04(2.088)
38,38(1.511)
47,04(1.852)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
1,206(.0475)
0,76(.030)
DC
69,32(2.729)
54,84(2.159)
63,50(2,500)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
1,206(.0475)
0,76(.030)
Dimensions
Receptacle
A
C
B
10˚
A1
A2
ITT
CANNON
7W2S
1
2
3
4
5
A
C
B
A1
A2
A3
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
24
25
26
27
28
29
30
31
32
23
22
21
20
19
18
17
16
ITT
CANNON
36W4P
10˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More