| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM13X3P-JNMB bảng dữ liệu(PDF) 35 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM13X3P-JNMB bảng dữ liệu(HTML) 35 Page - ITT Industries |
|
35 / 103 page ![]() 35 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Cannon Combo D® Solder Cup Plug DE-DC •Forcontactcavityarrangements,see page 61. •Formountingmethods,seepage59-60. Plug, Solder cup, sizes DE – DC, with empty size 8 cavities Empty size 8 contact cavities with solder pot termination INDUSTRIAL MILITARY/HI-REL NON-MAGNETIC/LOW OUTGASSING** Shell Layout P/N with P/N with P/N with size through hole through hole through hole DE 2W2 DEM2W2PK87 DEMM2W2P DEM2W2PNMBK52 DE 2WK2 DEM2WK2PK87 DEMM2WK2P DEM2WK2PNMBK52 DE 5W1 DEM5W1PK87 DEMM5W1P DEM5W1PNMBK52 DA 7W2 DAM7W2PK87 DAMM7W2P DAM7W2PNMBK52 DA 11W1 DAM11W1PK87 DAMM11W1P DAM11W1PNMBK52 DA 3W3 DAM3W3PK87 DAMM3W3P DAM3W3PNMBK52 DA 3WK3 DAM3WK3PK87 DAMM3WK3P DAM3WK3PNMBK52 DB 5W5 DBM5W5PK87 DBMM5W5P DBM5W5PNMBK52 DB 9W4 DBM9W4PK87 DBMM9W4P DBM9W4PNMBK52 DB 13W3 DBM13W3PK87 DBMM13W3P DBM13W3PNMBK52 DB 17W2 DBM17W2PK87 DBMM17W2P DBM17W2PNMBK52 DB 21W1 DBM21W1PK87 DBMM21W1P DBM21W1PNMBK52 DC 8W8 DCM8W8PK87 DCMM8W8P DCM8W8PNMBK52 DC 13W6 DCM13W6PK87 DCMM13W6P DCM13W6PNMBK52 DC 17W5 DCM17W5PK87 DCMM17W5P DCM17W5PNMBK52 DC 21WA4 DCM21WA4PK87 DCMM21WA4P DCM21WA4PNMBK52 DC 25W3 DCM25W3PK87 DCMM25W3P DCM25W3PNMBK52 DC 27W2 DCM27W2PK87 DCMM27W2P DCM27W2PNMBK52 *For clinch nut 4-40 UNC thread add "E", for float mount add "Y" after D*M designation (Ex. DCMME27W2P, DGMY27W2PK87) 2W2/2WK2, 3W3/3WK3 (keyed) 5W5 and 8W8 without signal contacts. ** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory for more information Shell A B C D E F W W K K L size ± 0,38 (.015) ± 0,13 (.005) ± 0,13 (.005) ± 0,13 (.005) ± 0,38 (.015) ± 0,25 (.010) ± 0,368 (.0145) ± 0,41 (.016) ± 0,317 (.0125) ± 0,25 (.010) ± 0,25 (.010) DE 30,81(1.213) 16,92(.666) 24,99(.984) 8,36(.329) 12,55(.494) 10,72(.422) 6,693(.2635) — 1,206(.0475) — 0,76(.030) DA 39,14(1.541) 25,25(.994) 33,32(1.312) 8,36(.329) 12,55(.494) 10,72(.422) 6,693(.2635) — 1,206(.0475) — 0,76(.030) DB 53,04(2.088) 38,96(1.534) 47,04(1.852) 8,36(.329) 12,55(.494) 10,82(.426) — 6,84(.269) — 1,52(.060) 0,99(.039) DC 69,32(2.729) 55,42(2.182) 63,50(2,500) 8,36(.329) 12,55(.494) 10,82(.426) — 6,84(.269) — 1,52(.060) 0,99(.039) Dimensions Plug A C B 10˚ A2 A1 ITT CANNON 7W25 1 2 3 4 5 B C A 10˚ A1 A2 A3 A4 1 23 4 5 678 9 1011 1213 1415 24 25 26 27 28 29 30 31 32 23 22 21 20 19 18 17 16 ITT CANNON 36W4P |