| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL-T2Y2 bảng dữ liệu(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
TL-T2Y2 bảng dữ liệu(HTML) 13 Page - Omron Electronics LLC |
|
13 / 14 page ![]() Proximity Sensors Technical Guide ●Operating Environment Water Resistance Do not use the Sensor in water, rain, or outdoors. Ambient Conditions Do not use the Sensor in the following environments. Doing so may cause malfunction or failure of the Sensor. 1. To maintain operational reliability and service life, use the Sensor only within the specified temperature range and do not use it outdoors. 2. The Sensor has a water resistant structure, however, attaching a cover to prevent direct contact with water will help improve reliability and prolong product life. 3. Avoid using the Sensor where there are chemical vapors, especially strong alkalis or acids (nitric acid, chromic acid, or hot concentrated sulfuric acid). ●Maintenance and inspection Periodic Inspection To ensure long-term stable operation of the Proximity Sensor, inspect for the following on a regular basis. Conduct these inspections also for control devices. 1. Shifting, loosening, or deformation of the sensing object and Proximity Sensor mounting 2. Loosening, bad contact, or wire breakage in the wiring and connections 3. Adherence or accumulation of metal powder 4. Abnormal operating temperature or ambient conditions 5. Abnormal indicator flashing (on setting indicator types) Disassembly and Repair Do not under any circumstances attempt to disassemble or repair the product. Quick Failure Check You can conveniently check for failures by connecting the E39-VA Handy Checker to check the operation of the Sensor. http://www.ia.omron.com/ C-8 (c)Copyright OMRON Corporation 2008 All Rights Reserved. |