công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS8202NF bảng dữ liệu(PDF) 23 Page - ams AG

tên linh kiện AS8202NF
Giải thích chi tiết về linh kiện  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF bảng dữ liệu(HTML) 23 Page - ams AG

Back Button AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG AS8202NF Datasheet HTML 21Page - ams AG AS8202NF Datasheet HTML 22Page - ams AG AS8202NF Datasheet HTML 23Page - ams AG AS8202NF Datasheet HTML 24Page - ams AG AS8202NF Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
22
List of Application Notes
The following is a list of the public application notes of the AS8202NF:
•
AN118 Appnote Phys Layer for TTP/C
•
AN120 Receiver Bug 001 in AS8202NF
•
AN123 Host Read Accesses Speedup in AS8202NF
•
AN137 AS8202NF (TTP/C-C2NF controller) Connected to MPC555 Microcontroller
•
AN145 TTP/C Protocol Binary Release 2.04 for the AS8202NF controller
•
AN147 AS8202NF / C2NF - CRC Calculation
•
AN150 AS8202NF TASM Software V2.04 MFM RS485 Bug
•
AN151 AS8202NF (TTP/C-C2NF controller) Connected to MII Transceiver
•
AN153 TTP/C Controller AS8202NF User Constraints Document
•
AN154 AS8202NF Host View of Membership during Controller Acknowledgement Phase
•
AN155 AS8202NF Big Bang Configuration Constraints
•
AN156 Application Constraints using AS8202NF Timer Interrupt
•
AN157 Constraints using MFM Encoding on AS8202NF
•
AN158 Constraints read access of last word in a memory page of the AS8202NF
The following is a list of the internal application notes of the AS8202NF:
•
AN115
•
AN116
•
AN121
•
AN124
•
AN146
•
AN148
•
AN149
The following application notes are obsolete for this data sheet:
•
AN117
•
AN119
•
AN122
•
AN128
•
AN129
•
AN130 AS8202NF Manchester Decoding Bug
•
AN131
•
AN132 AS8202/AS8202NF MFM/MII Async Reception Bug
•
AN133 TTP/C Protocol Binary Release 1.02 for the AS8202NF controller
•
AN134 Fix for Ignoring IFG Traffic during Synchronized Operation
•
AN135
•
AN136 Fix for tolerating transformer noise in Manchester mode in AS8202NF
•
AN139 TTP/C Protocol Binary Release 2.02 for the AS8202NF controller
•
AN140 TTP/C Protocol Binary Release 2.03 for the AS8202NF controller
•
AN152 Data bus instability by Read Access to the last word in page in AS8202NF
List of Known Bugs
The following is a list of the known bugs of the AS8202NF.
1. AS8202NF RX001 Receiver Bug
TTP requires a maximum level of error detection on the physical layer as well as on the semantic layer for a received
message. Among others the AS8202NF has a built-in ability to detect frames that are shorter or longer than
expected. This feature does not correctly work for all situations with MFM and Manchester encoding. Frames that are
too short or too long can appear to have the correct size. In this case the CRC check invalidates the frame. This bug
is reported as bug report AN120.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25