công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE16V8Q-25SC5 bảng dữ liệu(PDF) 6 Page - Advanced Micro Devices

tên linh kiện PALCE16V8Q-25SC5
Giải thích chi tiết về linh kiện  EE CMOS 20-Pin Universal Programmable Array Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8Q-25SC5 bảng dữ liệu(HTML) 6 Page - Advanced Micro Devices

Back Button PALCE16V8Q-25SC5 Datasheet HTML 2Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 3Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 4Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 5Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 6Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 9Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
AMD
2-41
PALCE16V8 Family
16493D-5
D
Q
Q
OE
CLK
Registered Active Low
D
Q
Q
OE
CLK
Registered Active High
Combinatorial I/O Active Low
Combinatorial I/O Active High
Combinatorial Output Active Low
VCC
Combinatorial Output Active High
VCC
Adjacent I/O pin
Dedicated Input
Notes:
1. Feedback is not available on pins 15
and 16 in the combinatorial output mode.
2. This configuration is not available on pins 15 and 16.
Note 1
Note 1
Note 2
Figure 2. Macrocell Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26