công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE16V8Q-25SC5 bảng dữ liệu(PDF) 4 Page - Advanced Micro Devices

tên linh kiện PALCE16V8Q-25SC5
Giải thích chi tiết về linh kiện  EE CMOS 20-Pin Universal Programmable Array Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8Q-25SC5 bảng dữ liệu(HTML) 4 Page - Advanced Micro Devices

  PALCE16V8Q-25SC5 Datasheet HTML 1Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 2Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 3Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 4Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 5Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 6Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AMD
2-39
PALCE16V8 Family
FUNCTIONAL DESCRIPTION
The PALCE16V8 is a universal PAL device. It has eight
independently configurable macrocells (MC0
–MC7).
Each macrocell can be configured as registered output,
combinatorial output, combinatorial I/O or dedicated in-
put. The programming matrix implements a program-
mable AND logic array, which drives a fixed OR logic
array. Buffers for device inputs have complementary
outputs to provide user-programmable input signal po-
larity. Pins 1 and 11 serve either as array inputs or as
clock (CLK) and output enable (
OE), respectively, for all
flip-flops.
Unused input pins should be tied directly to VCC or GND.
Product terms with all bits unprogrammed (discon-
nected) assume the logical HIGH state and product
terms with both true and complement of any input signal
connected assume a logical LOW state.
The programmable functions on the PALCE16V8 are
automatically configured from the user’s design
specification. The design specification is processed by
development software to verify the design and create a
programming file (JEDEC). This file, once downloaded
to a programmer, configures the device according to the
user’s desired function.
The user is given two design options with the
PALCE16V8. First, it can be programmed as a standard
PAL device from the PAL16R8 and PAL10H8 series.
The PAL programmer manufacturer will supply device
codes for the standard PAL device architectures to be
used with the PALCE16V8. The programmer will pro-
gram the PALCE16V8 in the corresponding architec-
ture. This allows the user to use existing standard PAL
device JEDEC files without making any changes to
them. Alternatively, the device can be programmed as
a PALCE16V8. Here the user must use the PALCE16V8
device code. This option allows full utilization of the
macrocell.
16493D-4
*In macrocells MC0 and MC7
, SG1 is replaced by SG0 on the feedback multiplexer.
1 1
0 X
1 0
SG1
SG1
SL0 X
DQ
Q
1 0
1 1
0 X
1 1
1 0
0 0
0 1
VCC
CLK
SL0X
OE
To
Adjacent
Macrocell
From
Adjacent
Pin
1 1
0 X
1 0
*
SL1X
I/OX
PALCE16V8 Macrocell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com