| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA309A bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 67 page ![]() Registers STA309A 46/67 Doc ID 13855 Rev 4 7.2.43 EQ bypass (0x2A) EQ control can be bypassed on a per channel basis. If EQ control is bypassed on a given channel the prescale and all 10 filters (high-pass, biquads, de-emphasis, bass management cross-over, bass, treble in any combination) are bypassed for that channel. 7.2.44 Tone control bypass (0x2B) Tone control (bass/treble) can be bypassed on a per channel basis. If tone control is bypassed on a given channel the two filters that tone control utilizes are made available as user programmable biquads #9 and #10. D7 D6 D5 D4 D3 D2 D1 D0 C8EQBP C7EQBP C6EQBP C5EQBP C4EQCBP C3EQBP C2EQBP C1EQBP 00 00 000 0 Table 69. CnEQBP bits Bit RW RST Name Description 7:0 RW 0 CnEQBP For n = 1 to 8: 0: perform EQ on channel n - normal operation 1: bypass EQ on channel n. D7 D6 D5 D4 D3 D2 D1 D0 C8TCB C7TCB C6TCB C5TCB C4TCB C3TCB C2TCB C1TCB 00 00 000 0 |