| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA309A bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 67 page ![]() Equalization and mixing STA309A 62/67 Doc ID 13855 Rev 4 8.2 Variable max power correction 8.2.1 MPCC1-2 (0x4D, 0x4E) MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This coefficient is used in place of the default coefficient when MPCV = 1. 8.3 Variable distortion compensation 8.3.1 DCC1-2 (0x4F, 0x50) DCC bits determine the 16 MSBs of the distortion compensation coefficient. This coefficient is used in place of the default coefficient when DCCV = 1. D7 D6 D5 D4 D3 D2 D1 D0 MPCC15 MPCC14 MPCC13 MPCC12 MPCC11 MPCC10 MPCC9 MPCC8 00 10 110 1 D7 D6 D5 D4 D3 D2 D1 D0 MPCC7 MPCC6 MPCC5 MPCC4 MPCC3 MPCC2 MPCC1 MPCC0 11 00 000 0 D7 D6 D5 D4 D3 D2 D1 D0 DCC15 DCC14 DCC13 DCC12 DCC11 DCC10 DCC9 DCC8 11 11 001 1 D7 D6 D5 D4 D3 D2 D1 D0 DCC7 DCC6 DCC5 DCC4 DCC3 DCC2 DCC1 DCC0 00 11 001 1 |