công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C971 bảng dữ liệu(PDF) 84 Page - Advanced Micro Devices

tên linh kiện AM79C971
Giải thích chi tiết về linh kiện  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 bảng dữ liệu(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 80Page - Advanced Micro Devices AM79C971 Datasheet HTML 81Page - Advanced Micro Devices AM79C971 Datasheet HTML 82Page - Advanced Micro Devices AM79C971 Datasheet HTML 83Page - Advanced Micro Devices AM79C971 Datasheet HTML 84Page - Advanced Micro Devices AM79C971 Datasheet HTML 85Page - Advanced Micro Devices AM79C971 Datasheet HTML 86Page - Advanced Micro Devices AM79C971 Datasheet HTML 87Page - Advanced Micro Devices AM79C971 Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 265 page
background image
84
Am79C971
Figure 41.
Internal PHY Receive Frame Tagging
Expansion Bus Interface
The Am79C971 controller contains an Expansion Bus
Interface that supports two different boot devices,
EPROM and Flash, as well as SRAM used as an exten-
sion to the internal FIFOs to buffer packets. The
Am79C971 controller supports Flash and EPROM de-
vices as boot devices as well as providing read/write
access to Flash or EPROM while the Am79C971 con-
troller is in STOP or in SPND or when the SRAM SIZE
bits (BCR25, bits 7-0) are set to 0. While in STOP, the
Am79C971 controller provides read/write diagnostic
access to SRAM (when present). This limitation on the
SRAM diagnostic is necessary to prevent data corrup-
tion.
The signal AS_EBOE is provided to strobe the upper 8
bits of the address into an external ‘374 (D flip-flop) ad-
dress latch. AS_EBOE is asser ted LOW during
EPROM/Flash read operations to control the OE input
of the EPROM/Flash.
The Expansion Bus Address is split into two different
bu s e s, EBUA _ EB A[7:0] and EB DA [15:8]. Th e
EBUA_EBA[7:0] provides the least and the most signif-
icant address byte. When accessing SRAM and
EPROM/Flash the EBUA_EBA[7:0] is strobed into an
external ‘374 (D flip-flop) address latch. This consti-
tutes the most significant portion of the Expansion Bus
Addr es s. Fo r S R AM/E PROM /F la sh ac ces ses,
EBUA_EBA[7:0] constitutes the remaining least signif-
icant address byte. For byte oriented EPROM/Flash ac-
cesses, EBDA[15:8] constitutes the upper or middle
address byte. EBADDRU (BCR29, bits 3-0) should be
set to 0 even when not used, since EBADDRU consti-
tutes the EBUA portion of the EBUA EBA address byte
and is strobed into the external’374 address latch.
The signal EROMCS is connected to the CS/CE input
of the EPROM/Flash. The signal ERAMCS is con-
nected to the CE/CS input of the SRAM. The signal
EBWE is connected to the WE of the SRAM and Flash
devices.
The Expansion Data Bus is configured for 16-bit word
access during SRAM accesses and 8-bit byte access
during EPROM/Flash accesses. During SRAM ac-
cesses, EBD[7:0] provides the lower data byte while
EBDA[15:8] provides the upper data byte. During
EPROM/Flash accesses, EBD[7:0] provides the data
byte. See Figure 42.
Expansion ROM - Boot Device Access
The Am79C971 controller supports EPROM or Flash
as an Expansion ROM boot device. Both are config-
ured using the same methods and operate the same.
See the previous section on Expansion ROM transfers
to get the PCI timing and functional description of the
transfer method. The Am79C971 controller is function-
ally equivalent to the PCnet-PCI II controller with Ex-
pansion ROM. See Figure 43 and Figure 44.
The Am79C971 controller will always read four bytes for
every host Expansion ROM read access. The interface
to the Expansion Bus runs synchronous to the PCI bus
interface clock. The Am79C971 controller will start the
read operation to the Expansion ROM by driving the
upper 8 bits of the Expansion ROM address on
EBUA_EBA[7:0]. One-half clock later, AS_EBOE goes
high to allow registering of the upper address bits ex-
ternally. The upper portion of the Expansion ROM ad-
dress will be the same for all four byte read cycles.
AS_EBOE
is
driven
high
for
one-half
clock,
EBUA_EBA[7:0] are driven with the upper 8 bits of the
Expansion ROM address for one more clock cycle after
AS_EBOE goes low. Next, the Am79C971 controller
starts driving the lower 8 bits of the Expansion ROM
address on EBUA_EBA[7:0].
SRDCLK
MIIRXFRTGE
MIIRXFRTGD
SFD
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
SFBD
Bit8
Bitx Bity Bitz
..
..
..
..
SRD
20550D-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com