công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C971 bảng dữ liệu(PDF) 75 Page - Advanced Micro Devices

tên linh kiện AM79C971
Giải thích chi tiết về linh kiện  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 bảng dữ liệu(HTML) 75 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 71Page - Advanced Micro Devices AM79C971 Datasheet HTML 72Page - Advanced Micro Devices AM79C971 Datasheet HTML 73Page - Advanced Micro Devices AM79C971 Datasheet HTML 74Page - Advanced Micro Devices AM79C971 Datasheet HTML 75Page - Advanced Micro Devices AM79C971 Datasheet HTML 76Page - Advanced Micro Devices AM79C971 Datasheet HTML 77Page - Advanced Micro Devices AM79C971 Datasheet HTML 78Page - Advanced Micro Devices AM79C971 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 265 page
background image
Am79C971
75
General Purpose Serial Interface
The General Purpose Serial Interface (GPSI) provides
a direct interface to the MAC section of the Am79C971
controller. All signals are digital and data is non-en-
coded. The GPSI allows use of an external Manchester
encoder/decoder such as the Am7992B Serial Inter-
face Adapter (SIA). In addition, it allows the Am79C971
controller to be used as a MAC sublayer engine in re-
p eate r de signs based o n t he IM R+ d e vi c e
(Am79C981).
GPSI mode is invoked by selecting the interface
through the PORTSEL bits of the Mode register
(CSR15, bits 8-7).
The GPSI interface uses some of the same pins as the
interface to the MII. Simultaneous use of both functions
is not possible.
After an H_RESET, all MII pins are internally config-
ured to function as the MII interface. When the GPSI in-
terface is selected by setting PORTSEL (CSR15, bits
8-7) to 10b, the Am79C971 controller will terminate all
further accesses to the MII.
GPSI signal functions are described in the pin descrip-
tion section under the GPSI subheading.
Note that the XTAL1 input must always be driven with a
clock source, even if GPSI mode is to be used. It is not
necessary for the XTAL1 clock to meet the normal fre-
quency and stability requirements in this case. Any fre-
quency between 8 MHz and 20 MHz is acceptable.
However, voltage drive requirements do not change.
When GPSI mode is used, XTAL1 must be driven for
several reasons:
The default H_RESET configuration for the Am79C971
controller is AUI port selected. Until GPSI mode is se-
lected, the XTAL1 clock is needed for some internal op-
erations (namely, RESET). The XTAL1 clock drives the
EEPROM read operation, regardless of the network
mode selected.
The XTAL1 clock determines the length of the internal
S_RESET caused by the read of the Reset register, re-
gardless of the network mode.
Note: If a clock slower than 20 MHz is provided at the
XTAL1 input, the time needed for EEPROM read and
the internal S_RESET will increase.
Figure 37.
10BASE-T Interface Connection
Full-Duplex Operation
The Am79C971 controller supports full-duplex opera-
tion on all four network interfaces: AUI, GPSI, 10BASE-
T, and MII. Full-duplex operation allows simultaneous
transmit and receive activity on the TXD
± and RXD±
pairs of the 10BASE-T port, the DO
± and DI± pairs of
the AUI port, TXDAT and RXDAT pins of the GPSI port,
and the TXD[3:0] and RXD[3:0] pins of the MII port.
Full-duplex operation is enabled by the FDEN and
AUIFD bits located in BCR9 for all ports. Full-duplex
operation is enabled through Auto-Negotiation when
DANAS (BCR 32, bit 7) is not enabled on the MII port
or when Auto-Negotiation is running on the internal
PHY.
When operating in full-duplex mode, the following
changes to the device operation are made:
Bus Interface/Buffer Management Unit changes:
s The first 64 bytes of every transmit frame are not
preserved in the Transmit FIFO during transmission
of the first 512 bits as described in the Transmit Ex-
ception Conditions section. Instead, when full-du-
pl ex mo de i s a c t i ve an d a fr am e i s b e in g
XMT
Filter
RCV
Filter
RJ45
Connector
Filter &
Transformer
Module
TXP+
TXD-
TXP-
TXD+
RXD+
RXD-
Am79C971
TD+
TD-
RD+
RD-
1
2
3
6
61.9
Ω
422
Ω
61.9
Ω
422
Ω
100
Ω
1.21 K
Ω
1:1
1:1
20550D-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com