công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C971 bảng dữ liệu(PDF) 52 Page - Advanced Micro Devices

tên linh kiện AM79C971
Giải thích chi tiết về linh kiện  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 bảng dữ liệu(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C971 Datasheet HTML 48Page - Advanced Micro Devices AM79C971 Datasheet HTML 49Page - Advanced Micro Devices AM79C971 Datasheet HTML 50Page - Advanced Micro Devices AM79C971 Datasheet HTML 51Page - Advanced Micro Devices AM79C971 Datasheet HTML 52Page - Advanced Micro Devices AM79C971 Datasheet HTML 53Page - Advanced Micro Devices AM79C971 Datasheet HTML 54Page - Advanced Micro Devices AM79C971 Datasheet HTML 55Page - Advanced Micro Devices AM79C971 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 265 page
background image
52
Am79C971
Burst FIFO DMA Transfers
Bursting is only performed by the Am79C971 controller
if the BREADE and/or BWRITE bits of BCR18 are set.
These bits individually enable/disable the ability of the
Am79C971 controller to perform burst accesses during
master read operations and master write operations,
respectively.
A burst transaction will start with an address phase, fol-
lowed by one or more data phases. AD[1:0] will always
be 0 during the address phase indicating a linear burst
order.
During FIFO DMA read operations, all byte lanes will
always be active. The Am79C971 controller will inter-
nally discard unused bytes. During the first and the last
data phases of a FIFO DMA burst write operation, one
or more of the byte enable signals may be inactive. All
other data phases will always write a complete DWord.
Figure 29 shows the beginning of a FIFO DMA write
with the beginning of the buffer not aligned to a DWord
boundary. The Am79C971 controller starts off by writ-
ing only three bytes during the first data phase. This op-
eration aligns the address for all other data transfers to
a 32-bit boundary so that the Am79C971 controller can
continue bursting full DWords.
If a receive buffer does not end on a DWord boundary,
the Am79C971 controller will perform a non-DWord
write on the last transfer to the buffer. Figure 30 shows
the final three FIFO DMA transfers to a receive buffer.
Since there were only nine bytes of space left in the re-
ceive buffer, the Am79C971 controller bursts three data
phases. The first two data phases write a full DWord,
the last one only writes a single byte.
Note that the Am79C971 controller will always perform
a DWord transfer as long as it owns the buffer space,
even when there are less then four bytes to write. For
example, if there is only one byte left for the current re-
ceive frame, the Am79C971 controller will write a full
DWord, containing the last byte of the receive frame in
the least significant byte position (BSWP is cleared to
0, CSR3, bit 2). The content of the other three bytes is
undefined. The message byte count in the receive de-
scriptor always reflects the exact length of the received
frame.
If the end of a receive buffer is not aligned to a DWord
boundary, IWAIT (BCR18, bit 10) must stay at its de-
fault value of 0. This will result in one wait state added
to every data phase in a burst write transaction. When
the software ensures that all receive buffers end on a
DWord boundary, IWAIT can be set to 1. In this mode,
the Am79C971 controller will only insert a wait state in
the first data phase of the burst write transaction.
Figure 29.
FIFO Burst Write At Start Of Unaligned
Buffer
In a PCI bus application, the Am79C971 controller
should be set up to have the length of a bus mastership
period be controlled only by the PCI Latency Timer.
The Timer bit (CSR4, bit 13) should remain at its de-
fault value of 0. In this mode, the Am79C971 controller
will continue transferring FIFO data until the transmit
FIFO is filled to its high threshold (read transfers) or the
receive FIFO is emptied to its low threshold (write
transfers), or the Am79C971 controller is preempted,
and the PCI Latency Timer is expired. The host should
use the values in the PCI MIN_GNT and MAX_LAT reg-
isters to determine the value for the PCI Latency Timer.
In applications that do not use the PCI Latency Timer
or that do not support preemption, the following rules
apply to limit the time the Am79C971 controller takes
on the bus:
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
23456
0000
0111
PAR
PAR
PAR
DEVSEL is sampled
0001
PAR
DATA
DATA
DATA
ADD
20550D-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com