công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LRH1035 bảng dữ liệu(PDF) 10 Page - LUXPIA

tên linh kiện LRH1035
Giải thích chi tiết về linh kiện  Specification for Approval
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUXPIA [LUXPIA]
Trang chủ  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LRH1035 bảng dữ liệu(HTML) 10 Page - LUXPIA

Back Button LRH1035 Datasheet HTML 6Page - LUXPIA LRH1035 Datasheet HTML 7Page - LUXPIA LRH1035 Datasheet HTML 8Page - LUXPIA LRH1035 Datasheet HTML 9Page - LUXPIA LRH1035 Datasheet HTML 10Page - LUXPIA LRH1035 Datasheet HTML 11Page - LUXPIA LRH1035 Datasheet HTML 12Page - LUXPIA LRH1035 Datasheet HTML 13Page - LUXPIA LRH1035 Datasheet HTML 14Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9/15
(Ver 1.0)
(4) Recommended circuit
• In designing a circuit, the current though each LED must not exceed its absolute maximum rating. It is
recommended to use Circuit B which regulates the current flowing through each LED. In the meanwhile, when
driving LEDs with a constant voltage in Circuit A, the current through the LEDs may vary due to the variation
in forward (VF) of the LEDs. In worst case, some LED may be subjected to stresses in excess of the absolute
maximum rating.
• This product should be operated in forward bias. Driving circuit must be designed so that the product is not
subjected to either forward or reverse voltage while it is off. In particular, if a reverse voltage is continuously
applied to the product, such operation can cause migration resulting in LED damage.
• Please determine the operating current with consideration of the ambient temperature local to the LED and
refer to the plot of Ambient temperature vs. Allowable Forward Current on CHARACTERISTICS in this
specifications. Please also take measures to remove heat from the area near the LED to improve the
operational characteristics of the LED.
(5) Handling Precautions
• Bare Hand
When handling the product, touching encapsulant with bare hands will contaminate its surface that could
affects optical characteristics. In the worst cases, excessive force the encapsulant by hands might result in
catastrophic failure of the LEDs due to wire deformation and/or breakage.
• Tweezers
Since silicone used as encapsulating resin in this product is a soft material, the upper surface of the product
is soft. Pressuring onto the product might cause catastrophic failure of the LEDs due to damage to
encapsulant (such as scratch, chip-out and delamination) and wire (such as deformation and breakage) and
LED detachment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com