công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LRH1035 bảng dữ liệu(PDF) 9 Page - LUXPIA

tên linh kiện LRH1035
Giải thích chi tiết về linh kiện  Specification for Approval
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUXPIA [LUXPIA]
Trang chủ  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LRH1035 bảng dữ liệu(HTML) 9 Page - LUXPIA

Back Button LRH1035 Datasheet HTML 5Page - LUXPIA LRH1035 Datasheet HTML 6Page - LUXPIA LRH1035 Datasheet HTML 7Page - LUXPIA LRH1035 Datasheet HTML 8Page - LUXPIA LRH1035 Datasheet HTML 9Page - LUXPIA LRH1035 Datasheet HTML 10Page - LUXPIA LRH1035 Datasheet HTML 11Page - LUXPIA LRH1035 Datasheet HTML 12Page - LUXPIA LRH1035 Datasheet HTML 13Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8/15
(Ver 1.0)
9. Cautions
The LEDs are device which are materialized by combining Blue LEDs and special phosphors. Consequently,
the color of White LEDs is subject to change a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Moisture-Proof Package
• When moisture is absorbed into the SMT package it may vaporize and expand products during soldering.
There is a possibility that this may cause exfoliation of the contacts and damage to the optical characteristics
of the LEDs. For this reason, the moisture-proof package is used to keep moisture to a minimum in the
package.
• A package of a moisture-absorbent material (silica gel) is inserted into the shielding bag. The silica gel
changes its color from blue to pink as it absorbs moisture.
(2) Storage
• Storage Conditions
- Before opening the package :
The LEDs should be kept at 5℃~30
or less and
65%RH or less. The LEDs should be used within a year.
When storing the LEDs, moisture-proof packaging with moisture-absorbent material (silica gel) is
recommended.
- After opening the package :
The LEDs should be kept at 5℃~40
or less and
30%RH or less. The LEDs should be soldered within 168
hours (7 days) after opening the package. If unused LEDs remain, they should be stored in moisture-proof
packages, such as sealed containers with packages of moisture-absorbent material (silica gel). It is also
recommended to return the LEDs to the original moisture-proof bag and to reseal the moisture-proof bag
again.
• If the moisture-absorbent material (silica gel) has faded away or the LEDs have exceeded the recommended
storage time, baking treatment should be performed using the following conditions.
- Baking treatment : more than 48 hours at 45±5℃ (Reel condition)
more than 24 hours at 125±5℃ (Each piece condition)
• After assembly and during use, silver plating can be affected by the corrosive gases emitted by components
and materials in close proximity of the LEDs within an end product, and the gases entering into the product
from the external atmosphere. The above should be taken into consideration when designing.
• Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
(3) Heat Generation
• Thermal design of the end product is of paramount importance. Please consider the heat generation of the
LED when the system is designed. The coefficient of temperature increase per input electric power is
affected by the thermal resistance of the circuit board and density of LED placement on the board, as well as
other components. It is necessary to avoid intense heat generation and operate within the maximum ratings
given in the specification.
• The operating current should be decided after considering the ambient maximum temperature of LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com