công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC10LF322T-EMCSQTP bảng dữ liệu(PDF) 71 Page - Microchip Technology

tên linh kiện PIC10LF322T-EMCSQTP
Giải thích chi tiết về linh kiện  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP bảng dữ liệu(HTML) 71 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 67Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 68Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 69Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 70Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 71Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 72Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 73Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 74Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 71
PIC10(L)F320/322
REGISTER 9-3:
PMADRL: PROGRAM MEMORY ADDRESS LOW
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
PMADR<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
PMADR<7:0>
: Program Memory Read Address low bits
REGISTER 9-4:
PMADRH: PROGRAM MEMORY ADDRESS HIGH
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
—
—
—
—
—
—
—PMADR8
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-1
Unimplemented:
Read as ‘0’
bit 0
PMADR8:
Program Memory Read Address High bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More